Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAR2548DCXXXZ01A Fiches technique (PDF) - Lineage Power Corporation

CAR2548DCXXXZ01A Datasheet PDF - Lineage Power Corporation
No de pièce CAR2548DCXXXZ01A
Télécharger  CAR2548DCXXXZ01A Télécharger

Taille du fichier   302.53 Kbytes
Page   15 Pages
Fabricant  LINEAGEPOWER [Lineage Power Corporation]
Site Internet  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation
Description -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A

CAR2548DCXXXZ01A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
CAR2548DCXXXZ01A Datasheet PDF - Lineage Power Corporation

No de pièce CAR2548DCXXXZ01A
Télécharger  CAR2548DCXXXZ01A Click to download

Taille du fichier   302.53 Kbytes
Page   15 Pages
Fabricant  LINEAGEPOWER [Lineage Power Corporation]
Site Internet  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation
Description -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A

CAR2548DCXXXZ01A Fiches technique (HTML) - Lineage Power Corporation

Back Button CAR2548DCXXXZ01A Datasheet HTML 1Page - Lineage Power Corporation CAR2548DCXXXZ01A Datasheet HTML 2Page - Lineage Power Corporation CAR2548DCXXXZ01A Datasheet HTML 3Page - Lineage Power Corporation CAR2548DCXXXZ01A Datasheet HTML 4Page - Lineage Power Corporation CAR2548DCXXXZ01A Datasheet HTML 5Page - Lineage Power Corporation CAR2548DCXXXZ01A Datasheet HTML 6Page - Lineage Power Corporation CAR2548DCXXXZ01A Datasheet HTML 7Page - Lineage Power Corporation CAR2548DCXXXZ01A Datasheet HTML 8Page - Lineage Power Corporation CAR2548DCXXXZ01A Datasheet HTML 9Page - Lineage Power Corporation CAR2548DCXXXZ01A Datasheet HTML 10Page - Lineage Power Corporation Next Button 



Numéro de pièce similaire - CAR2548DCXXXZ01A

FabricantNo de pièceFiches techniqueDescription
logo
Lineage Power Corporati...
CAR2548DC LINEAGEPOWER-CAR2548DC Datasheet
917Kb / 2P
   2500 Watt / DC Input / 48V Front End
CAR2548DCB5-1A LINEAGEPOWER-CAR2548DCB5-1A Datasheet
917Kb / 2P
   2500 Watt / DC Input / 48V Front End
CAR2548DCB5Y0-1A LINEAGEPOWER-CAR2548DCB5Y0-1A Datasheet
917Kb / 2P
   2500 Watt / DC Input / 48V Front End
CAR2548DCB5Z0-1A LINEAGEPOWER-CAR2548DCB5Z0-1A Datasheet
917Kb / 2P
   2500 Watt / DC Input / 48V Front End
More results


Description similaire - CAR2548DCXXXZ01A

FabricantNo de pièceFiches techniqueDescription
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
logo
Lineage Power Corporati...
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
logo
Bel Fuse Inc.
RCY-75T15X BEL-RCY-75T15X Datasheet
525Kb / 11P
   Ultra wide input range:36Vdc-75Vdc
logo
Lineage Power Corporati...
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com