DEVICE OVERVIEW
This document contains device specific information about the following devices:
• PIC16F737 • PIC16F767
• PIC16F747 • PIC16F777
PIC16F737/767 devices are available only in 28-pin packages, while PIC16F747/777 devices are available in 40-pin and 44-pin packages. All devices in the
Low-Power Features:
• Power-Managed modes:
- Primary Run (XT, RC oscillator, 76 µA, 1 MHz, 2V)
- RC_RUN (7 µA, 31.25 kHz, 2V)
- SEC_RUN (9 µA, 32 kHz, 2V)
- Sleep (0.1 µA, 2V)
• Timer1 Oscillator (1.8 µA, 32 kHz, 2V)
• Watchdog Timer (0.7 µA, 2V)
• Two-Speed Oscillator Start-up
Oscillators:
• Three Crystal modes:
- LP, XT, HS (up to 20 MHz)
• Two External RC modes
• One External Clock mode:
- ECIO (up to 20 MHz)
• Internal Oscillator Block:
- 8 user-selectable frequencies (31 kHz, 125 kHz, 250 kHz, 500 kHz, 1 MHz, 2 MHz, 4 MHz, 8 MHz)
Analog Features:
• 10-bit, up to 14-channel Analog-to-Digital Converter:
- Programmable Acquisition Time
- Conversion available during Sleep mode
• Dual Analog Comparators
• Programmable Low-Current Brown-out Reset (BOR) Circuitry and Programmable Low-Voltage Detect (LVD)
Peripheral Features:
• High Sink/Source Current: 25 mA
• Two 8-bit Timers with Prescaler
• Timer1/RTC module:
- 16-bit timer/counter with prescaler
- Can be incremented during Sleep via external 32 kHz watch crystal
• Master Synchronous Serial Port (MSSP) with 3-wire SPITM and I2CTM (Master and Slave) modes
• Addressable Universal Synchronous Asynchronous Receiver Transmitter (AUSART)
• Three Capture, Compare, PWM modules:
- Capture is 16-bit, max. resolution is 12.5 ns
- Compare is 16-bit, max. resolution is 200 ns
- PWM max. resolution is 10 bits
• Parallel Slave Port (PSP) – 40/44-pin devices only
Special Microcontroller Features:
• Fail-Safe Clock Monitor for protecting critical applications against crystal failure
• Two-Speed Start-up mode for immediate code execution
• Power-on Reset (POR), Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)
• Programmable Code Protection
• Processor Read Access to Program Memory
• Power-Saving Sleep mode
• In-Circuit Serial Programming (ICSP) via two pins
• MPLAB® In-Circuit Debug (ICD) via two pins
• MCLR pin function replaceable with input only pin
|