Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK93C41A Fiches technique (PDF) - Asahi Kasei Microsystems

AK93C41A Datasheet PDF - Asahi Kasei Microsystems
No de pièce AK93C41A
Télécharger  AK93C41A Télécharger

Taille du fichier   123.75 Kbytes
Page   12 Pages
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 0.9V operation 1K / 2Kbit Serial CMOS EEPROM

AK93C41A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AK93C41A Datasheet PDF - Asahi Kasei Microsystems

No de pièce AK93C41A
Télécharger  AK93C41A Click to download

Taille du fichier   123.75 Kbytes
Page   12 Pages
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 0.9V operation 1K / 2Kbit Serial CMOS EEPROM

AK93C41A Fiches technique (HTML) - Asahi Kasei Microsystems

Back Button AK93C41A Datasheet HTML 1Page - Asahi Kasei Microsystems AK93C41A Datasheet HTML 2Page - Asahi Kasei Microsystems AK93C41A Datasheet HTML 3Page - Asahi Kasei Microsystems AK93C41A Datasheet HTML 4Page - Asahi Kasei Microsystems AK93C41A Datasheet HTML 5Page - Asahi Kasei Microsystems AK93C41A Datasheet HTML 6Page - Asahi Kasei Microsystems AK93C41A Datasheet HTML 7Page - Asahi Kasei Microsystems AK93C41A Datasheet HTML 8Page - Asahi Kasei Microsystems AK93C41A Datasheet HTML 9Page - Asahi Kasei Microsystems AK93C41A Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK93C41A Détails du produit

General Description
The AK93C41A/51A is a 1024/2048-bit serial CMOS EEPROM divided into 64/128 registers of 16 bits each. The AK93C41A/51A has 4 instructions such as READ, WRITE, EWEN and EWDS. Those instructions control the AK93C41A/51A.
The AK93C41A/51A can operate full function under wide operating voltage range from 0.9V to 3.6V. The charge up circuit is integrated for high voltage generation that is used for write operation.

Features
□ ADVANCED CMOS EEPROM TECHNOLOGY
□ LOW VCC OPERATION … Vcc = 0.9V ∼ 3.6V
□ AK93C41A • • 1024 bits, 64 × 16 organization
    AK93C51A • • 2048 bits, 128 × 16 organization
□ SERIAL INTERFACE
    - Interfaces with popular microcontrollers and standard microprocessors
□ LOW POWER CONSUMPTION
    - 10µA Max. Standby (VCC=3.6V)
□ Automatic address increment (READ)
□ Automatic write cycle time-out with auto-ERASE
□ Busy/Ready status signal
□ Software controlled write protection
□ Hardware write protect for lower block (AK93C51A only)
□ IDEAL FOR LOW DENSITY DATA STORAGE
    - Low cost, space saving, 8-pin package




Numéro de pièce similaire - AK93C41A

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45AF AKM-AK93C45AF Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45AV AKM-AK93C45AV Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
More results


Description similaire - AK93C41A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TS59C11 STMICROELECTRONICS-TS59C11 Datasheet
168Kb / 8P
   1K BIT SERIAL CMOS EEPROM
logo
E-CMOS Corporation
EC24C02B E-CMOS-EC24C02B Datasheet
1Mb / 17P
   2Kbit I2C SERIAL EEPROM
logo
Rohm
BU99022NUX-3 ROHM-BU99022NUX-3 Datasheet
585Kb / 26P
   I2C BUS 2kbit 2kbit 2ports serial EEPROM
logo
Asahi Kasei Microsystem...
AK93C45CT AKM-AK93C45CT Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT93LC46 HOLTEK-HT93LC46_09 Datasheet
105Kb / 12P
   CMOS 1K 3-Wire Serial EEPROM
HT93LC46 HOLTEK-HT93LC46_07 Datasheet
142Kb / 12P
   CMOS 1K 3-Wire Serial EEPROM
HT93LC46 HOLTEK-HT93LC46_10 Datasheet
131Kb / 12P
   CMOS 1K 3-Wire Serial EEPROM
HT93LC46 HOLTEK-HT93LC46 Datasheet
360Kb / 10P
   1K 3-Wire CMOS Serial EEPROM
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
logo
Asahi Kasei Microsystem...
AK93C45C AKM-AK93C45C Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com