Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK6003A Fiches technique (PDF) - Asahi Kasei Microsystems

AK6003A Datasheet PDF - Asahi Kasei Microsystems
No de pièce AK6003A
Télécharger  AK6003A Télécharger

Taille du fichier   148.91 Kbytes
Page   17 Pages
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description SOFTWARE WRITE PROTECT I2C BUS 2KBIT EEPROM

AK6003A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AK6003A Datasheet PDF - Asahi Kasei Microsystems

No de pièce AK6003A
Télécharger  AK6003A Click to download

Taille du fichier   148.91 Kbytes
Page   17 Pages
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description SOFTWARE WRITE PROTECT I2C BUS 2KBIT EEPROM

AK6003A Fiches technique (HTML) - Asahi Kasei Microsystems

Back Button AK6003A Datasheet HTML 1Page - Asahi Kasei Microsystems AK6003A Datasheet HTML 2Page - Asahi Kasei Microsystems AK6003A Datasheet HTML 3Page - Asahi Kasei Microsystems AK6003A Datasheet HTML 4Page - Asahi Kasei Microsystems AK6003A Datasheet HTML 5Page - Asahi Kasei Microsystems AK6003A Datasheet HTML 6Page - Asahi Kasei Microsystems AK6003A Datasheet HTML 7Page - Asahi Kasei Microsystems AK6003A Datasheet HTML 8Page - Asahi Kasei Microsystems AK6003A Datasheet HTML 9Page - Asahi Kasei Microsystems AK6003A Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK6003A Détails du produit

General Description
The AK6003A is a 2048-bit serial CMOS E2PROM divided into 256 registers of 8 bits each. The AK6003A can operate full function under wide operating voltage range from 1.8V to 5.5V. The charge up circuit is integrated for high voltage generation that is used for write operation.

Features
□ ADVANCED CMOS EEPROM TECHNOLOGY
□ READ/WRITE NON-VOLATILE MEMORY
□ WIDE VCC OPERATION ... Vcc = 1.8V  5.5V
□ 2048 bits, 256x8 organization
□ I2CTM SERIAL INTERFACE
□ LOW POWER CONSUMPTION
    - 0.8μA Max. Standby
□ HIGH RELIABILITY
    - Endurance : 100K cycles
    - Data Retention : 10 years
□ 16 byte page write mode
□ Software Write Protection (lower 128 bytes)
    Hardware Write Protection (entire array)
□ Automatic write cycle time-out with auto-ERASE
□ IDEAL FOR LOW DENSITY DATA STORAGE
    - Low cost, space saving, 8-pin package (TSSOP)




Numéro de pièce similaire - AK6003A

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK6002A AKM-AK6002A Datasheet
176Kb / 18P
   I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
AK6002AF AKM-AK6002AF Datasheet
176Kb / 18P
   I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
AK6002AV AKM-AK6002AV Datasheet
176Kb / 18P
   I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
AK6004A AKM-AK6004A Datasheet
176Kb / 18P
   I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
AK6004A AKM-AK6004A Datasheet
164Kb / 16P
   I2C bus 4K / 16Kbit Serial CMOS EEPROM
More results


Description similaire - AK6003A

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02 MICROCHIP-34AA02_11 Datasheet
602Kb / 36P
   2K I2C??Serial EEPROM Software Write-Protect
2011
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
   2K I2C??Serial EEPROM Software Write-Protect
2010
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
logo
ON Semiconductor
CAT24S64 ONSEMI-CAT24S64 Datasheet
124Kb / 12P
   EEPROM Serial 64-Kb I2C with Software Write Protect
September, 2018 ??Rev. 2
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com