Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK5353 Fiches technique (PDF) - Asahi Kasei Microsystems

AK5353 Datasheet PDF - Asahi Kasei Microsystems
No de pièce AK5353
Télécharger  AK5353 Télécharger

Taille du fichier   114.87 Kbytes
Page   17 Pages
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 96kHz 24BIT ADC WITH SIGLE-ENDED INPUT

AK5353 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AK5353 Datasheet PDF - Asahi Kasei Microsystems

No de pièce AK5353
Télécharger  AK5353 Click to download

Taille du fichier   114.87 Kbytes
Page   17 Pages
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 96kHz 24BIT ADC WITH SIGLE-ENDED INPUT

AK5353 Fiches technique (HTML) - Asahi Kasei Microsystems

Back Button AK5353 Datasheet HTML 1Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK5353 Détails du produit

GENERAL DESCRIPTION

The AK5353 is a stereo A/D Converter with wide sampling rate of 4kHz∼96kHz and is suitable for multimedia audio system. The AK5353 achieves high accuracy and low cost by using Enhanced dual bit ∆Σ techniques. The AK5353 requires no external components because the analog inputs are single ended. The audio interface has two formats (MSB justified, I2S) and can correspond to many systems like Karaoke, surround.



FEATURES

♦ Stereo ∆Σ ADC

♦ On-Chip Digital Anti-Alias Filtering

♦ Single-ended Input

♦ Digital HPF for DC-Offset cancel

♦ S/(N+D): 84dB@5V, 80dB@3V for 48kHz

♦ DR: 96dB@5V, 92dB@3V for 48kHz

♦ S/N: 96dB@5V, 92dB@3V for 48kHz

♦ Sampling Rate Ranging from 4kHz to 96kHz

♦ Master Clock:

   256fs/384fs/512fs (∼48kHz)

   256fs/384fs (∼96kHz)

♦ Low Power Dissipation: 70mW

♦ Small 16pin TSSOP Package

♦ Power Supply: 2.7∼5.5V (∼48kHz)

                      4.5∼5.5V (∼96kHz)

♦ Ta=-40∼85°C

♦ Input level: TTL/CMOS selectable

♦ Output format: 24bit MSB justified / I2S selectable




Numéro de pièce similaire - AK5353

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK5353 AKM-AK5353 Datasheet
214Kb / 17P
   EVALUATION BOARD REV.B FOR AK5353
More results


Description similaire - AK5353

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK5380 AKM-AK5380 Datasheet
137Kb / 17P
   96kHz 24Bit ADC with Single - ended Input
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357_09 Datasheet
301Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357 Datasheet
135Kb / 19P
   24Bit 96kHz ?誇 ADC
AK4353 AKM-AK4353 Datasheet
254Kb / 33P
   96kHz 24BIT DAC WITH DIT
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AK4363 AKM-AK4363 Datasheet
248Kb / 29P
   96kHz 24Bit DAC with PLL
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com