Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPT9712 Fiches technique (PDF) - Fairchild Semiconductor

SPT9712 Datasheet PDF - Fairchild Semiconductor
No de pièce SPT9712
Télécharger  SPT9712 Télécharger

Taille du fichier   48.02 Kbytes
Page   7 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 12-BIT, 100 MWPS ECL D/A CONVERTER

SPT9712 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SPT9712 Datasheet PDF - Fairchild Semiconductor

No de pièce SPT9712
Télécharger  SPT9712 Click to download

Taille du fichier   48.02 Kbytes
Page   7 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 12-BIT, 100 MWPS ECL D/A CONVERTER

SPT9712 Fiches technique (HTML) - Fairchild Semiconductor

SPT9712 Datasheet HTML 1Page - Fairchild Semiconductor SPT9712 Datasheet HTML 2Page - Fairchild Semiconductor SPT9712 Datasheet HTML 3Page - Fairchild Semiconductor SPT9712 Datasheet HTML 4Page - Fairchild Semiconductor SPT9712 Datasheet HTML 5Page - Fairchild Semiconductor SPT9712 Datasheet HTML 6Page - Fairchild Semiconductor SPT9712 Datasheet HTML 7Page - Fairchild Semiconductor

SPT9712 Détails du produit

GENERAL DESCRIPTION

The SPT9712 is a 12-bit, 100 MWPS digital-to-analog converter designed for direct digital synthesis, high resolution imaging, and arbitrary waveform generation applications.

This device is pin-for-pin compatible with the AD9712 with significantly improved performance. The only difference between the SPT9712 and the AD9712 is that the Latch Enable (LE, pin 26) for the SPT9712 is rising-edge triggered (see figure 1), whereas the Latch Enable (LE, pin 26) for the AD9712 functions in the transparent mode.

The SPT9712 is an ECL-compatible device. It features a fast settling time of 13 ns and low glitch impulse energy of 15 pV-s, which results in excellent spurious-free dynamic range characteristics.

The SPT9712 is available in a 28-lead PLCC package in the industrial temperature range (–40 to +85 °C).



FEATURES

• 12-Bit, 100 MWPS digital-to-analog converter

• ECL compatibility

• Low power: 600 mW

• 1/2 LSB DNL

• 40 MHz multiplying bandwidth

• Industrial temperature range

• Superior performance over AD9712

   – Improved settling time of 13 ns

   – Improved glitch energy 15 pV-s

   – Master-slave latches



APPLICATIONS

• Fast frequency hopping spread spectrum radios

• Direct sequence spread spectrum radios

• Microwave and satellite modems

• Test & measurement instrumentation



 




Numéro de pièce similaire - SPT9712

FabricantNo de pièceFiches techniqueDescription
logo
Cadeka Microcircuits LL...
SPT9712 CADEKA-SPT9712 Datasheet
137Kb / 7P
   12-BIT, 100 MWPS ECL D/A CONVERTER
SPT9712AIP CADEKA-SPT9712AIP Datasheet
137Kb / 7P
   12-BIT, 100 MWPS ECL D/A CONVERTER
SPT9712BIP CADEKA-SPT9712BIP Datasheet
137Kb / 7P
   12-BIT, 100 MWPS ECL D/A CONVERTER
More results


Description similaire - SPT9712

FabricantNo de pièceFiches techniqueDescription
logo
Cadeka Microcircuits LL...
SPT9712 CADEKA-SPT9712 Datasheet
137Kb / 7P
   12-BIT, 100 MWPS ECL D/A CONVERTER
SPT5310 CADEKA-SPT5310 Datasheet
2Mb / 8P
   12-BIT, 250 MWPS ECL D/A CONVERTER
logo
Fairchild Semiconductor
SPT9713 FAIRCHILD-SPT9713 Datasheet
48Kb / 7P
   12-BIT, 100 MWPS TTL D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT9713 CADEKA-SPT9713 Datasheet
137Kb / 7P
   12-BIT, 100 MWPS TTL D/A CONVERTER
SPT5510 CADEKA-SPT5510 Datasheet
165Kb / 8P
   16-BIT, 200 MWPS ECL D/A CONVERTER
logo
Fairchild Semiconductor
SPT5510 FAIRCHILD-SPT5510 Datasheet
61Kb / 8P
   16-BIT, 200 MWPS ECL D/A CONVERTER
logo
List of Unclassifed Man...
SPT7910 ETC2-SPT7910 Datasheet
94Kb / 11P
   12-BIT, 10 MSPS, ECL, A/D CONVERTER
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
   10-BIT, 100 MSPS ECL A/D CONVERTER
logo
Analog Devices
5962-9316401MXA AD-5962-9316401MXA Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674JRZ AD-AD1674JRZ Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com