Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPT7936 Fiches technique (PDF) - Fairchild Semiconductor

SPT7936 Datasheet PDF - Fairchild Semiconductor
No de pièce SPT7936
Télécharger  SPT7936 Télécharger

Taille du fichier   59.16 Kbytes
Page   8 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 12-BIT, 28 MSPS SAMPLING A/D CONVERTER

SPT7936 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SPT7936 Datasheet PDF - Fairchild Semiconductor

No de pièce SPT7936
Télécharger  SPT7936 Click to download

Taille du fichier   59.16 Kbytes
Page   8 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 12-BIT, 28 MSPS SAMPLING A/D CONVERTER

SPT7936 Fiches technique (HTML) - Fairchild Semiconductor

SPT7936 Datasheet HTML 1Page - Fairchild Semiconductor SPT7936 Datasheet HTML 2Page - Fairchild Semiconductor SPT7936 Datasheet HTML 3Page - Fairchild Semiconductor SPT7936 Datasheet HTML 4Page - Fairchild Semiconductor SPT7936 Datasheet HTML 5Page - Fairchild Semiconductor SPT7936 Datasheet HTML 6Page - Fairchild Semiconductor SPT7936 Datasheet HTML 7Page - Fairchild Semiconductor SPT7936 Datasheet HTML 8Page - Fairchild Semiconductor

SPT7936 Détails du produit

GENERAL DESCRIPTION
The SPT7936 is a compact, high-speed, low power 12-bit monolithic analog-to-digital converter, implemented in a 0.5 µm CMOS process. The converter includes sample and hold. The full scale range can be set between ±0.6 V and ±1.2 V using external references. It operates from a single 3.0-3.6 V supply-compatible with modern digital systems. Most converters in this performance range demand at least a +5 V supply. Its low distortion and high dynamic range offers the performance needed for demanding imaging, multimedia, telecommunications and instrumentation applications.

FEATURES
• 3.0-3.6 V Power Supply
• Typical SINAD: 60 dB for (fIN = 10 MHz)
• Low power: (260 mW @3.3 V)
• Sample Rate: 28 MSPS
• Internal Sample/Hold
• Differential Input
• Sleep Mode (Power Down)

APPLICATIONS
• Imaging
• Test Equipment
• Computer Scanners
• Communications
• Set-Top Boxes



Numéro de pièce similaire - SPT7936

FabricantNo de pièceFiches techniqueDescription
logo
Cadeka Microcircuits LL...
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
   12-BIT, 28 MSPS SAMPLING A/D CONVERTER
SPT7936SCT CADEKA-SPT7936SCT Datasheet
162Kb / 8P
   12-BIT, 28 MSPS SAMPLING A/D CONVERTER
More results


Description similaire - SPT7936

FabricantNo de pièceFiches techniqueDescription
logo
Cadeka Microcircuits LL...
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
   12-BIT, 28 MSPS SAMPLING A/D CONVERTER
logo
Analog Devices
AD6640 AD-AD6640 Datasheet
488Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. 0
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
   12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
   Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
logo
Texas Instruments
ADC12DL080 TI1-ADC12DL080_14 Datasheet
819Kb / 35P
[Old version datasheet]   Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
National Semiconductor ...
ADC12DL080 NSC-ADC12DL080 Datasheet
1Mb / 24P
   Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com