Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPT7730 Fiches technique (PDF) - Fairchild Semiconductor

SPT7730 Datasheet PDF - Fairchild Semiconductor
No de pièce SPT7730
Télécharger  SPT7730 Télécharger

Taille du fichier   62.27 Kbytes
Page   8 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER

SPT7730 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SPT7730 Datasheet PDF - Fairchild Semiconductor

No de pièce SPT7730
Télécharger  SPT7730 Click to download

Taille du fichier   62.27 Kbytes
Page   8 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER

SPT7730 Fiches technique (HTML) - Fairchild Semiconductor

SPT7730 Datasheet HTML 1Page - Fairchild Semiconductor SPT7730 Datasheet HTML 2Page - Fairchild Semiconductor SPT7730 Datasheet HTML 3Page - Fairchild Semiconductor SPT7730 Datasheet HTML 4Page - Fairchild Semiconductor SPT7730 Datasheet HTML 5Page - Fairchild Semiconductor SPT7730 Datasheet HTML 6Page - Fairchild Semiconductor SPT7730 Datasheet HTML 7Page - Fairchild Semiconductor SPT7730 Datasheet HTML 8Page - Fairchild Semiconductor

SPT7730 Détails du produit

GENERAL DESCRIPTION
The Fairchild 8-bit, 3.0 MSPS, serial analog-to-digital converter delivers excellent high speed conversion performance with low cost and low power. The serial port protocol is compatible with the serial peripheral interface (SPI) or MICROWIRE™industry standard, high-speed synchronous MPU interfaces. The large input bandwidth and fast transient response time allow for CCD applications operating up to 3.0 MSPS.

FEATURES
• 8-Bit, 1 kHz to 3.0 MSPS Analog-to-Digital Converter
• Monolithic CMOS
• Serial Output
• Internal Sample-and-Hold
• Analog Input Range: 0 to 2 V Nominal; 3.3 V Max
• Power Dissipation (Excluding Reference Ladder) 45 mW at +5 V 16 mW at +3 V
• Single Power Supply: +3 V to +5 V Range
• High ESD Protection: 3,000 V Minimum

APPLICATIONS
• Handheld and Desktop Scanners
• DSP Interface Applications
• Portable Digital Radios
• Portable and Handheld Applications
• Automotive Applications
• Remote Sensing




Numéro de pièce similaire - SPT7730

FabricantNo de pièceFiches techniqueDescription
logo
Cadeka Microcircuits LL...
SPT7730 CADEKA-SPT7730 Datasheet
170Kb / 8P
   8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
SPT7730SCS CADEKA-SPT7730SCS Datasheet
170Kb / 8P
   8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
SPT7730SCU CADEKA-SPT7730SCU Datasheet
170Kb / 8P
   8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
More results


Description similaire - SPT7730

FabricantNo de pièceFiches techniqueDescription
logo
Cadeka Microcircuits LL...
SPT7730 CADEKA-SPT7730 Datasheet
170Kb / 8P
   8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
Fairchild Semiconductor
SPT7830 FAIRCHILD-SPT7830 Datasheet
61Kb / 8P
   10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7830 CADEKA-SPT7830 Datasheet
166Kb / 8P
   10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Fujitsu Component Limit...
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
   8-bit 140 MSPS A/D Converter
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
   8-Bit, 200 MSPS A/D Converter
REV. 0
logo
Fujitsu Component Limit...
MB40C328 FUJITSU-MB40C328 Datasheet
163Kb / 16P
   8-bit 100 MSPS A/D Converter
MB40C328V FUJITSU-MB40C328V Datasheet
167Kb / 16P
   8-bit 100 MSPS A/D Converter
logo
Analog Devices
AD9289 AD-AD9289 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com