Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCS12 Fiches technique (PDF) - Murata Power Solutions Inc.

NCS12 Datasheet PDF - Murata Power Solutions Inc.
No de pièce NCS12
Télécharger  NCS12 Télécharger

Taille du fichier   444.32 Kbytes
Page   14 Pages
Fabricant  MURATA-PS [Murata Power Solutions Inc.]
Site Internet  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters

NCS12 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
NCS12 Datasheet PDF - Murata Power Solutions Inc.

No de pièce NCS12
Télécharger  NCS12 Click to download

Taille du fichier   444.32 Kbytes
Page   14 Pages
Fabricant  MURATA-PS [Murata Power Solutions Inc.]
Site Internet  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters

NCS12 Fiches technique (HTML) - Murata Power Solutions Inc.

Back Button NCS12 Datasheet HTML 1Page - Murata Power Solutions Inc. NCS12 Datasheet HTML 2Page - Murata Power Solutions Inc. NCS12 Datasheet HTML 3Page - Murata Power Solutions Inc. NCS12 Datasheet HTML 4Page - Murata Power Solutions Inc. NCS12 Datasheet HTML 5Page - Murata Power Solutions Inc. NCS12 Datasheet HTML 6Page - Murata Power Solutions Inc. NCS12 Datasheet HTML 7Page - Murata Power Solutions Inc. NCS12 Datasheet HTML 8Page - Murata Power Solutions Inc. NCS12 Datasheet HTML 9Page - Murata Power Solutions Inc. NCS12 Datasheet HTML 10Page - Murata Power Solutions Inc. Next Button 



Numéro de pièce similaire - NCS12

FabricantNo de pièceFiches techniqueDescription
logo
Murata Power Solutions ...
NCS12 MURATA-PS-NCS12 Datasheet
536Kb / 18P
   Isolated 12W 4:1 Input Single & Dual Output DC-DC Converters
2023
logo
ON Semiconductor
NCS12802 ONSEMI-NCS12802 Datasheet
1,021Kb / 21P
   Programmable Gamma Voltage Reference Generator with Integrated Auto-read
June, 2012 ??Rev. 0
NCS12802MNTXG ONSEMI-NCS12802MNTXG Datasheet
1,021Kb / 21P
   Programmable Gamma Voltage Reference Generator with Integrated Auto-read
June, 2012 ??Rev. 0
logo
Murata Power Solutions ...
NCS12D1205C MURATA-PS-NCS12D1205C Datasheet
444Kb / 14P
   UL 60950 recognition pending 4:1 Wide range voltage input
NCS12D1212C MURATA-PS-NCS12D1212C Datasheet
444Kb / 14P
   UL 60950 recognition pending 4:1 Wide range voltage input
More results


Description similaire - NCS12

FabricantNo de pièceFiches techniqueDescription
logo
Murata Power Solutions ...
NCS6 MURATA-PS-NCS6 Datasheet
135Kb / 6P
   Isolated 6W 4:1 Input Single Output DC/DC Converters
NCS3 MURATA-PS-NCS3 Datasheet
252Kb / 10P
   Isolated 3W 4:1 Input Single Output DC/DC Converters
NCS1 MURATA-PS-NCS1 Datasheet
301Kb / 8P
   Isolated 1W 4:1 Input Single Output DC/DC Converters
logo
MicroPower Direct, LLC
B1200RU MPD-B1200RU Datasheet
81Kb / 2P
   Ultra-Wide Input 12W Single & Dual Output DC/DC Converters
logo
Microdc power Technolog...
WRA-YD-12W MICRODC-WRA-YD-12W Datasheet
1Mb / 3P
   12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
logo
MicroPower Direct, LLC
MA1200RU MPD-MA1200RU Datasheet
422Kb / 3P
   4:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
logo
Murata Manufacturing Co...
NDS6S2405C MURATA-NDS6S2405C Datasheet
235Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
F2500RU MPD-F2500RU Datasheet
235Kb / 2P
   4:1 Input 25W - 30W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NDS6 MURATA-PS-NDS6 Datasheet
146Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDXS0512C MURATA-NDXS0512C Datasheet
257Kb / 6P
   Isolated 7.5W Wide Input Single & Dual Output DC/DC Converters
More results




À propos de Murata Power Solutions Inc.


Murata Power Solutions est une filiale de Murata Manufacturing, une société d'électronique multinationale japonaise.

Murata Power Solutions est spécialisée dans la conception et la fabrication de solutions de gestion de l'alimentation, y compris les convertisseurs DC-DC, les alimentations AC-DC et les filtres EMI.

La société fournit des solutions de gestion des aliments innovantes et fiables pour un large éventail d'applications dans des secteurs tels que médical, industriel et transport, entre autres.

Avec sa technologie de pointe et ses produits de qualité, Murata Power Solutions s'est imposée comme un fournisseur de premier plan de solutions de gestion de l'énergie sur le marché mondial.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com