Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NM25C020 Fiches technique (PDF) - Fairchild Semiconductor

NM25C020 Datasheet PDF - Fairchild Semiconductor
No de pièce NM25C020
Télécharger  NM25C020 Télécharger

Taille du fichier   108.04 Kbytes
Page   10 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)

NM25C020 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
NM25C020 Datasheet PDF - Fairchild Semiconductor

No de pièce NM25C020
Télécharger  NM25C020 Click to download

Taille du fichier   108.04 Kbytes
Page   10 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)

NM25C020 Fiches technique (HTML) - Fairchild Semiconductor

NM25C020 Datasheet HTML 1Page - Fairchild Semiconductor NM25C020 Datasheet HTML 2Page - Fairchild Semiconductor NM25C020 Datasheet HTML 3Page - Fairchild Semiconductor NM25C020 Datasheet HTML 4Page - Fairchild Semiconductor NM25C020 Datasheet HTML 5Page - Fairchild Semiconductor NM25C020 Datasheet HTML 6Page - Fairchild Semiconductor NM25C020 Datasheet HTML 7Page - Fairchild Semiconductor NM25C020 Datasheet HTML 8Page - Fairchild Semiconductor NM25C020 Datasheet HTML 9Page - Fairchild Semiconductor NM25C020 Datasheet HTML 10Page - Fairchild Semiconductor

NM25C020 Détails du produit

General Description
The NM25C020 is a 2048-bit CMOS EEPROM with an SPI compatible serial interface. The NM25C020 is designed for data storage in applications requiring both non-volatile memory and insystem data updates. This EEPROM is well suited for applications using the 68HC11 series of microcontrollers that support the SPI interface for high speed communication with peripheral devices via a serial bus to reduce pin count. The NM25C020 is implemented in Fairchild Semiconductor’s floating gate CMOS process that provides superior endurance and data retention.

Features
■ 2.1 MHz clock rate @ 2.7V to 5.5V
■ 2048 bits organized as 256 x 8
■ Multiple chips on the same 3-wire bus with separate chip select lines
■ Self-timed programming cycle
■ Simultaneous programming of 1 to 4 bytes at a time
■ Status register can be polled during programming to monitor READY/BUSY
■ Write Protect (WP) pin and write disable instruction for both hardware and software write protection
■ Block write protect feature to protect against accidental writes
■ Endurance: 1,000,000 data changes
■ Data retention greater than 40 years
■ Packages available: 8-pin DIP, 8-pin SO, or 8-pin TSSOP




Numéro de pièce similaire - NM25C020

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EM8 FAIRCHILD-NM25C040EM8 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EM8X FAIRCHILD-NM25C040EM8X Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EMT8 FAIRCHILD-NM25C040EMT8 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EMT8X FAIRCHILD-NM25C040EMT8X Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
More results


Description similaire - NM25C020

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
NM25C160 FAIRCHILD-NM25C160 Datasheet
100Kb / 10P
   16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
logo
National Semiconductor ...
NM25C04L NSC-NM25C04L Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
logo
Fairchild Semiconductor
FM25C020U FAIRCHILD-FM25C020U Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56A FAIRCHILD-NM93C56A Datasheet
111Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
25AA020A MICROCHIP-25AA020A_12 Datasheet
1Mb / 38P
   2K SPI Bus Serial EEPROM
11/27/12
25AA020A MICROCHIP-25AA020A Datasheet
483Kb / 28P
   2K SPI Bus Serial EEPROM
2006
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com