Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NDP6020P Fiches technique (PDF) - Fairchild Semiconductor

NDP6020P Datasheet PDF - Fairchild Semiconductor
No de pièce NDP6020P
Télécharger  NDP6020P Télécharger

Taille du fichier   62.15 Kbytes
Page   6 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description P-Channel Logic Level Enhancement Mode Field Effect Transistor

NDP6020P Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
NDP6020P Datasheet PDF - Fairchild Semiconductor

No de pièce NDP6020P
Télécharger  NDP6020P Click to download

Taille du fichier   62.15 Kbytes
Page   6 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description P-Channel Logic Level Enhancement Mode Field Effect Transistor

NDP6020P Fiches technique (HTML) - Fairchild Semiconductor

NDP6020P Datasheet HTML 1Page - Fairchild Semiconductor NDP6020P Datasheet HTML 2Page - Fairchild Semiconductor NDP6020P Datasheet HTML 3Page - Fairchild Semiconductor NDP6020P Datasheet HTML 4Page - Fairchild Semiconductor NDP6020P Datasheet HTML 5Page - Fairchild Semiconductor NDP6020P Datasheet HTML 6Page - Fairchild Semiconductor

NDP6020P Détails du produit

General Description
These logic level P-Channel enhancement mode power field effect transistors are produced using Fairchilds proprietary, high cell density, DMOS technology. This very high density process has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulses in the avalanche and commutation modes. These devices are particularly suited for low voltage applications such as automotive, DC/DC converters, PWM motor controls, and other battery powered circuits where fast switching, low in-line power loss, and resistance to transients are needed.

Features
■ -24 A, -20 V. RDS(ON) = 0.05 W @ VGS= -4.5 V.
                        RDS(ON) = 0.07W @ VGS= -2.7 V.
                        RDS(ON) = 0.075 W @ VGS= -2.5 V.
■ Critical DC electrical parameters specified at elevated
   temperature.
■ Rugged internal source-drain diode can eliminate the need
   for an external Zener diode transient suppressor.
■ 175°C maximum junction temperature rating.
■ High density cell design for extremely low RDS(ON).
■ TO-220 and TO-263 (D2PAK) package for both through
   hole and surface mount applications.




Numéro de pièce similaire - NDP6020P

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
NDP6020P VBSEMI-NDP6020P Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
NDP6020P ISC-NDP6020P Datasheet
289Kb / 2P
   isc P-Channel MOSFET Transistor
More results


Description similaire - NDP6020P

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
STU437S SAMHOP-STU437S Datasheet
121Kb / 10P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
NDP6030PL FAIRCHILD-NDP6030PL Datasheet
56Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P8006EVG ETC2-P8006EVG Datasheet
296Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PZ0703EK NIKOSEM-PZ0703EK Datasheet
270Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PV521BA NIKOSEM-PV521BA Datasheet
277Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PK5A7BA NIKOSEM-PK5A7BA Datasheet
346Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PE5A1BA NIKOSEM-PE5A1BA Datasheet
271Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDS352AP ONSEMI-NDS352AP Datasheet
271Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
December, 2021 ??Rev. 5
logo
NIKO SEMICONDUCTOR CO.,...
PZ5G7EA NIKOSEM-PZ5G7EA Datasheet
340Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.0
P1306EK NIKOSEM-P1306EK Datasheet
357Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV1.0
logo
Fairchild Semiconductor
NDS332P FAIRCHILD-NDS332P Datasheet
78Kb / 6P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com