Fabricant | No de pièce | Fiches technique | Description |
Rohm |
2SC4115S
|
96Kb / 4P |
Low Frequency Transistor (20V, 3A)
|
2SD2264
|
99Kb / 4P |
Low Frequency Transistor (20V,3A)
|
2SC4115STPR
|
165Kb / 3P |
Low Frequency Transistor (20V, 3A)
|
2SC4115S
|
165Kb / 3P |
Low Frequency Transistor (20V, 3A)
|
2SD2150
|
167Kb / 3P |
Low Frequency Transistor (20V, 3A)
|
2SD2150
|
100Kb / 4P |
Low Frequency Transistor(20V, 3A)
|
2SD2150T100R
|
113Kb / 3P |
Low Frequency Transistor (20V, 3A)
|
Nanjing International G... |
2SD2150
|
498Kb / 4P |
LOW FREQUENCY TRANSISTER (20V,3A)
|
2SB1424
|
493Kb / 4P |
Low VCE(sat) Transistor(-20V,-3A)
|
Rohm |
2SB1424
|
101Kb / 3P |
Low Vce(sat) Transistor (-20V, -3A)
|