Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM74C905 Fiches technique (PDF) - Fairchild Semiconductor

MM74C905 Datasheet PDF - Fairchild Semiconductor
No de pièce MM74C905
Télécharger  MM74C905 Télécharger

Taille du fichier   89.13 Kbytes
Page   8 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 12-Bit Successive Approximation Register

MM74C905 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MM74C905 Datasheet PDF - Fairchild Semiconductor

No de pièce MM74C905
Télécharger  MM74C905 Click to download

Taille du fichier   89.13 Kbytes
Page   8 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 12-Bit Successive Approximation Register

MM74C905 Fiches technique (HTML) - Fairchild Semiconductor

MM74C905 Datasheet HTML 1Page - Fairchild Semiconductor MM74C905 Datasheet HTML 2Page - Fairchild Semiconductor MM74C905 Datasheet HTML 3Page - Fairchild Semiconductor MM74C905 Datasheet HTML 4Page - Fairchild Semiconductor MM74C905 Datasheet HTML 5Page - Fairchild Semiconductor MM74C905 Datasheet HTML 6Page - Fairchild Semiconductor MM74C905 Datasheet HTML 7Page - Fairchild Semiconductor MM74C905 Datasheet HTML 8Page - Fairchild Semiconductor

MM74C905 Détails du produit

General Description
The MM74C905 CMOS 12-bit successive approximation register contains all the digit control and storage necessary for successive approximation analog-to-digital conversion. Because of the unique capability of CMOS to switch to each supply rail without any offset voltage, it can also be used in digital systems as the control and storage element in repetitive routines.

Features
■ Wide supply voltage range: 3.0V to 15V
■ Guaranteed noise margin: 1.0V
■ High noise immunity: 0.45 VCC (typ)
■ Low power TTL compatibility: Fan out of 2 driving 74L
■ Provision for register extension or truncation
■ Operates in START/STOP or continuous conversion mode
■ Drive ladder switches directly. For 10 bits or less with 50k/100k R/2R ladder network




Numéro de pièce similaire - MM74C905

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MM74C90 FAIRCHILD-MM74C90 Datasheet
54Kb / 6P
   4-Bit Binary Counter
logo
Texas Instruments
MM74C90 TI1-MM74C90 Datasheet
374Kb / 8P
[Old version datasheet]   4-Bit Binary Counter
logo
National Semiconductor ...
MM74C901 NSC-MM74C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
Fairchild Semiconductor
MM74C901 FAIRCHILD-MM74C901 Datasheet
69Kb / 6P
   Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
MM74C901M FAIRCHILD-MM74C901M Datasheet
69Kb / 6P
   Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
More results


Description similaire - MM74C905

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
MNDM54LS502-X NSC-MNDM54LS502-X Datasheet
14Kb / 6P
   8 - BIT SUCCESSIVE APPROXIMATION REGISTER
DM54LS502 NSC-DM54LS502 Datasheet
133Kb / 6P
   8-Bit Successive Approximation Register
logo
Hitachi Semiconductor
HD14549B HITACHI-HD14549B Datasheet
124Kb / 6P
   Successive Approximation Register
logo
Linear Dimensions Semic...
LND2907HT LINEAR_DIMENSIONS-LND2907HT Datasheet
100Kb / 1P
   10-Bit Successive Approximation Register Analog-to-
logo
Analog Devices
AD7582 AD-AD7582_17 Datasheet
2Mb / 13P
   CMOS 12-Bit Successive Approximation ADC
AD7582 AD-AD7582 Datasheet
811Kb / 12P
   CMOS 12-BIT SUCCESSIVE APPROXIMATION ADC
REV. B
AD7582KNZ AD-AD7582KNZ Datasheet
2Mb / 12P
   CMOS 12-Bit Successive Approximation ADC
REV. B
AD7578 AD-AD7578 Datasheet
750Kb / 12P
   CMOS 12-BIT SUCCESSIVE APPROXIMATION ADC
REV. B
logo
Fairchild Semiconductor
DM74LS503 FAIRCHILD-DM74LS503 Datasheet
45Kb / 4P
   8-Bit Successive Approximation Register (with Expansion Control)
logo
Analog Devices
AD572 AD-AD572_15 Datasheet
1Mb / 8P
   12 BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. B
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com