Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML4823MJ Fiches technique (PDF) - Fairchild Semiconductor

ML4823MJ Datasheet PDF - Fairchild Semiconductor
No de pièce ML4823MJ
Télécharger  ML4823MJ Télécharger

Taille du fichier   121.55 Kbytes
Page   9 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Frequency Power Supply Controller

ML4823MJ Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
ML4823MJ Datasheet PDF - Fairchild Semiconductor

No de pièce ML4823MJ
Télécharger  ML4823MJ Click to download

Taille du fichier   121.55 Kbytes
Page   9 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Frequency Power Supply Controller

ML4823MJ Fiches technique (HTML) - Fairchild Semiconductor

ML4823MJ Datasheet HTML 1Page - Fairchild Semiconductor ML4823MJ Datasheet HTML 2Page - Fairchild Semiconductor ML4823MJ Datasheet HTML 3Page - Fairchild Semiconductor ML4823MJ Datasheet HTML 4Page - Fairchild Semiconductor ML4823MJ Datasheet HTML 5Page - Fairchild Semiconductor ML4823MJ Datasheet HTML 6Page - Fairchild Semiconductor ML4823MJ Datasheet HTML 7Page - Fairchild Semiconductor ML4823MJ Datasheet HTML 8Page - Fairchild Semiconductor ML4823MJ Datasheet HTML 9Page - Fairchild Semiconductor

ML4823MJ Détails du produit

GENERAL DESCRIPTION
The ML4823 High Frequency PWM Controller is an IC controller optimized for use in Switch Mode Power Supply designs running at frequencies to 1MHz. Propagation delays are minimal through the comparators and logic for reliable high frequency operation while slew rate and bandwidth are maximized on the error amplifier. This controller is designed for single-ended applications using voltage or current mode and provides for input voltage feed forward.
A 1V threshold current limit comparator provides cycle by-cycle current limit and exceeding a 1.4V threshold initiates a soft-start cycle. The soft start pin doubles as a maximum duty cycle clamp. All logic is fully latched to provide jitter-free operation and prevent multiple pulsing. An under-voltage lockout circuit with 800mV of hysteresis assures low startup current and drives the outputs low during fault conditions.
This controller is an improved second source for the UC3823 controller; however, the ML4823 includes features not found on the 3823. These features are set in italics.

FEATURES
■ Practical operation at switching frequencies to 1.0MHz
■ High current (2A peak) totem pole output
■ Wide bandwidth error amplifier
■ Fully latched logic with double pulse suppression
■ Pulse-by-pulse current limiting
■ Soft start and max. duty cycle control
■ Under voltage lockout with hysteresis
■ 5.1V trimmed bandgap reference
■ Low start-up current (1.1mA)
■ Pin compatible improved replacement for UC3823
■ Fast shut down path from current limit to output
■ Soft start latch ensures full soft start cycle
■ Outputs pull low for undervoltage lockout




Numéro de pièce similaire - ML4823MJ

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML4823MJ MICRO-LINEAR-ML4823MJ Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
More results


Description similaire - ML4823MJ

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML4825 MICRO-LINEAR-ML4825 Datasheet
172Kb / 9P
   High Frequency Power Supply Controller
ML4823 MICRO-LINEAR-ML4823 Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
ML4810 MICRO-LINEAR-ML4810 Datasheet
165Kb / 12P
   High Frequency Power Supply Controller
logo
JILIN SINO-MICROELECTRO...
HBR20S45 JSMC-HBR20S45 Datasheet
290Kb / 6P
   High frequency switch power supply
HBR20S45S JSMC-HBR20S45S Datasheet
293Kb / 6P
   High frequency switch power supply
logo
Shenzhen hui lida elect...
BU406 HUILIDA-BU406 Datasheet
935Kb / 4P
   High frequency switching power supply
logo
JILIN SINO-MICROELECTRO...
HBR4060 JSMC-HBR4060 Datasheet
315Kb / 8P
   High frequency switch power supply
BDW93C JSMC-BDW93C Datasheet
220Kb / 5P
   High frequency switching power supply
3CG5401 JSMC-3CG5401 Datasheet
187Kb / 6P
   High frequency switching power supply
3DG9013 JSMC-3DG9013 Datasheet
179Kb / 5P
   High frequency switching power supply
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com