Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFH6186-5T Fiches technique (PDF) - Vishay Siliconix

SFH6186-5T Datasheet PDF - Vishay Siliconix
No de pièce SFH6186-5T
Télécharger  SFH6186-5T Télécharger

Taille du fichier   149.95 Kbytes
Page   7 Pages
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Low Input Current

SFH6186-5T Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SFH6186-5T Datasheet PDF - Vishay Siliconix

No de pièce SFH6186-5T
Télécharger  SFH6186-5T Click to download

Taille du fichier   149.95 Kbytes
Page   7 Pages
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Low Input Current

SFH6186-5T Fiches technique (HTML) - Vishay Siliconix

SFH6186-5T Datasheet HTML 1Page - Vishay Siliconix SFH6186-5T Datasheet HTML 2Page - Vishay Siliconix SFH6186-5T Datasheet HTML 3Page - Vishay Siliconix SFH6186-5T Datasheet HTML 4Page - Vishay Siliconix SFH6186-5T Datasheet HTML 5Page - Vishay Siliconix SFH6186-5T Datasheet HTML 6Page - Vishay Siliconix SFH6186-5T Datasheet HTML 7Page - Vishay Siliconix

SFH6186-5T Détails du produit

DESCRIPTION
The SFH618A (DIP) and SFH6186 (SMD) feature a high current transfer ratio, low coupling capacitance and high isolation voltage. These couplers have a GaAs infrared diode emitter, which is optically coupled to silicon planar phototransistor detector, and is incorporated in a plastic DIP-4 or SMD package.

FEATURES
• Good CTR linearity depending on forward current
• Low CTR degradation
• High collector emitter voltage, VCEO = 55 V
• Isolation test voltage, 5300 VRMS
• Low coupling capacitance
• End stackable, 0.100" (2.54 mm) spacing
• High common mode transient immunity
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Telecom
• Industrial controls
• Battery powered equipment
• Office machines




Numéro de pièce similaire - SFH6186-5T

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SFH6186-5T VISHAY-SFH6186-5T Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.6, 31-Aug-15
SFH6186-5T VISHAY-SFH6186-5T Datasheet
241Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current
01-Jan-2022
SFH6186-5T1 VISHAY-SFH6186-5T1 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.6, 31-Aug-15
SFH6186-5T1 VISHAY-SFH6186-5T1 Datasheet
241Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current
01-Jan-2022
More results


Description similaire - SFH6186-5T

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
SFH6186-3T VISHAY-SFH6186-3T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_15 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.6, 31-Aug-15
VO610A VISHAY-VO610A_V02 Datasheet
177Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
01-Jan-2023
SFH6186-3X001 VISHAY-SFH6186-3X001 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH6186-2T VISHAY-SFH6186-2T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
VO610A VISHAY-VO610A Datasheet
175Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
Rev. 1.7, 18-Feb-13
SFH6186-3X001T VISHAY-SFH6186-3X001T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_V02 Datasheet
242Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current
01-Jan-2023
VO610A VISHAY-VO610A_V01 Datasheet
176Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
01-Jan-2022
More results




À propos de Vishay Siliconix


Vishay Siliconix est une filiale de Vishay Intertechnology, un fabricant mondial de composants électroniques passifs.
Vishay Siliconix est spécialisée dans la conception, la fabrication et la commercialisation de MOSFET de puissance, IGBTS et autres semi-conducteurs de puissance.
La société a été fondée en 1962 et a son siège à Santa Clara, en Californie.
Vishay Siliconix fournit des solutions d'alimentation pour une variété d'applications, notamment des systèmes d'énergie renouvelable, des équipements industriels, l'informatique et les télécommunications et l'électronique automobile.
Les produits de l'entreprise sont conçus pour une grande efficacité, une faible consommation d'énergie et une forte fiabilité, et sont fabriqués dans des installations de pointe à l'aide de processus de fabrication avancés.
En mettant l'accent sur l'innovation et la satisfaction des clients, Vishay Siliconix s'engage à fournir à ses clients les meilleures solutions de gestion de l'alimentation pour répondre à leurs besoins.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com