Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FOD817A3SD Fiches technique (PDF) - Fairchild Semiconductor

FOD817A3SD Datasheet PDF - Fairchild Semiconductor
No de pièce FOD817A3SD
Télécharger  FOD817A3SD Télécharger

Taille du fichier   723.31 Kbytes
Page   12 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers

FOD817A3SD Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FOD817A3SD Datasheet PDF - Fairchild Semiconductor

No de pièce FOD817A3SD
Télécharger  FOD817A3SD Click to download

Taille du fichier   723.31 Kbytes
Page   12 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers

FOD817A3SD Fiches technique (HTML) - Fairchild Semiconductor

Back Button FOD817A3SD Datasheet HTML 1Page - Fairchild Semiconductor FOD817A3SD Datasheet HTML 2Page - Fairchild Semiconductor FOD817A3SD Datasheet HTML 3Page - Fairchild Semiconductor FOD817A3SD Datasheet HTML 4Page - Fairchild Semiconductor FOD817A3SD Datasheet HTML 5Page - Fairchild Semiconductor FOD817A3SD Datasheet HTML 6Page - Fairchild Semiconductor FOD817A3SD Datasheet HTML 7Page - Fairchild Semiconductor FOD817A3SD Datasheet HTML 8Page - Fairchild Semiconductor FOD817A3SD Datasheet HTML 9Page - Fairchild Semiconductor FOD817A3SD Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FOD817A3SD Détails du produit

Description
The FOD814 consists of two gallium arsenide infrared emitting diodes, connected in inverse parallel, driving a silicon phototransistor output in a 4-pin dual in-line package. The FOD617/817 Series consists of a gallium arsenide infrared emitting diode driving a silicon phototransistor in a 4-pin dual in-line package.

Features
■ AC input response (FOD814 only)
■ Applicable to Pb-free IR reflow soldering
■ Compact 4-pin package
■ Current transfer ratio in selected groups:
    FOD617A: 40–80% FOD817: 50–600%
    FOD617B: 63–125% FOD817A:80–160%
    FOD617C:100–200% FOD817B: 130–260%
    FOD617D:160–320% FOD817C:200–400%
    FOD814: 20–300% FOD817D:300–600%
    FOD814A: 50–150%
■ C-UL, UL and VDE approved
■ High input-output isolation voltage of 5000Vrms
■ Higher operating temperatures (versus FODXXX counterparts)
■ Minimum BVCEO of 70V guaranteed

Applications
FOD814 Series
■ AC line monitor
■ Unknown polarity DC sensor
■ Telephone line interface

FOD617 and FOD817 Series
■ Power supply regulators
■ Digital logic inputs
■ Microprocessor inputs




Numéro de pièce similaire - FOD817A3SD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FOD817A3S FAIRCHILD-FOD817A3S Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
More results


Description similaire - FOD817A3SD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FOD817A3S FAIRCHILD-FOD817A3S Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
FOD817B300W FAIRCHILD-FOD817B300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817A300W FAIRCHILD-FOD817A300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817SD FAIRCHILD-FOD817SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8173SD FAIRCHILD-FOD8173SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817D3SD FAIRCHILD-FOD817D3SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817B3S FAIRCHILD-FOD817B3S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817AW FAIRCHILD-FOD817AW Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817300W FAIRCHILD-FOD817300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com