Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HDSP-K123 Fiches technique (PDF) - AVAGO TECHNOLOGIES LIMITED

HDSP-K123 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
No de pièce HDSP-K123
Télécharger  HDSP-K123 Télécharger

Taille du fichier   430.71 Kbytes
Page   20 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Current Seven Segment Displays

HDSP-K123 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HDSP-K123 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

No de pièce HDSP-K123
Télécharger  HDSP-K123 Click to download

Taille du fichier   430.71 Kbytes
Page   20 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Current Seven Segment Displays

HDSP-K123 Fiches technique (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-K123 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-K123 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-K123 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-K123 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-K123 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-K123 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-K123 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-K123 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-K123 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-K123 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HDSP-K123 Détails du produit

Description
These low current seven segment displays are designed for applications requiring low power consumption. They are tested and selected for their excellent low current characteristics to ensure that the segments are matched at low currents. Drive currents as low as 1 mA per segment are available.
Pin for pin equivalent displays are also available in a standard current or high light ambient design. The standard current displays are available in all colors and are ideal for most applications. The high light ambient displays are ideal for sunlight ambients or long string lengths.
For additional information see the 7.6 mm Micro Bright Seven Segment Displays, 10 mm Seven Segment Displays, 7.6 mm/10.9 mm Seven Segment Displays, 14.2 mm Seven Segment Displays, 20 mm Seven Segment Displays, or High Light Ambient Seven Segment Displays data sheets.

Features
• Low Power Consumption
• Industry Standard Size
• Industry Standard Pinout
• Choice of Character Size
   7.6 mm (0.30 in), 10 mm (0.40 in), 10.9 mm (0.43 in),
   14.2 mm (0.56 in), 20 mm (0.80 in)
• Choice of Colors
   AlGaAs Red, High Efficiency
   Red (HER), Yellow, Green
• Excellent Appearance
   Evenly Lighted Segments
   ±50° Viewing Angle
• Design Flexibility
   Common Anode or Common Cathode
   Single and Dual Digit Left and Right Hand Decimal Points
   ±1. Overflow Character
• Categorized for Luminous Intensity
   Yellow and Green Categorized for Color
   Use of Like Categories Yields a Uniform Display
• Excellent for Long Digit String Multiplexing




Numéro de pièce similaire - HDSP-K123

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-K123 AVAGO-HDSP-K123 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays Low Power Consumption
logo
Agilent(Hewlett-Packard...
HDSP-K123-00000 HP-HDSP-K123-00000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
HDSP-K123-0C000 HP-HDSP-K123-0C000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
HDSP-K123-0D000 HP-HDSP-K123-0D000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
HDSP-K123-0E000 HP-HDSP-K123-0E000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
More results


Description similaire - HDSP-K123

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-335B AVAGO-HDSP-335B Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP HP-HDSP Datasheet
341Kb / 20P
   Low Current Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-5553 AVAGO-HDSP-5553 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-H103 HP-HDSP-H103 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP AVAGO-HDSP Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-F101 AVAGO-HDSP-F101 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-7513 AVAGO-HDSP-7513 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-E103 AVAGO-HDSP-E103 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com