Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSTU3125 Fiches technique (PDF) - Fairchild Semiconductor

FSTU3125 Datasheet PDF - Fairchild Semiconductor
No de pièce FSTU3125
Télécharger  FSTU3125 Télécharger

Taille du fichier   136.54 Kbytes
Page   7 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4-Bit Bus Switch with -2V Undershoot Protection

FSTU3125 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FSTU3125 Datasheet PDF - Fairchild Semiconductor

No de pièce FSTU3125
Télécharger  FSTU3125 Click to download

Taille du fichier   136.54 Kbytes
Page   7 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4-Bit Bus Switch with -2V Undershoot Protection

FSTU3125 Fiches technique (HTML) - Fairchild Semiconductor

FSTU3125 Datasheet HTML 1Page - Fairchild Semiconductor FSTU3125 Datasheet HTML 2Page - Fairchild Semiconductor FSTU3125 Datasheet HTML 3Page - Fairchild Semiconductor FSTU3125 Datasheet HTML 4Page - Fairchild Semiconductor FSTU3125 Datasheet HTML 5Page - Fairchild Semiconductor FSTU3125 Datasheet HTML 6Page - Fairchild Semiconductor FSTU3125 Datasheet HTML 7Page - Fairchild Semiconductor

FSTU3125 Détails du produit

General Description
The Fairchild Switch FSTU3125 provides four high-speed CMOS TTL-compatible bus switches. The low On Resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise. The A and B Ports are protected against undershoot to support an extended range to 2.0V below ground. Fairchild’s integrated Unders hoot Hardened Circuit (UHC) senses undershoot at the I/O and responds by preventing voltage differentials from developing and turning the switch on.

Features
■ Undershoot hardened to −2V (A and B Ports)
■ 4Ω switch connection between two ports
■ Minimal propagation delay through the switch
■ Low lCC
■ Zero bounce in flow-through mode
■ Control inputs compatible with TTL level
■ See application notes AN-5008 and AN-5021 for details on undershoot




Numéro de pièce similaire - FSTU3125

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSTU32160 FAIRCHILD-FSTU32160 Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
FSTU32160 FAIRCHILD-FSTU32160 Datasheet
118Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with ??V Undershoot Protection
FSTU32160A FAIRCHILD-FSTU32160A Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160AMTD FAIRCHILD-FSTU32160AMTD Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160MTD FAIRCHILD-FSTU32160MTD Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
More results


Description similaire - FSTU3125

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16245 FAIRCHILD-FSTU16245 Datasheet
190Kb / 6P
   16-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862_06 Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862 Datasheet
240Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16211 FAIRCHILD-FSTU16211 Datasheet
211Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection (Preliminary)
FSTU32X384 FAIRCHILD-FSTU32X384 Datasheet
241Kb / 6P
   20-Bit Low Power Bus Switch with -2V Undershoot Protection
logo
Pericom Semiconductor C...
PI5C3125C PERICOM-PI5C3125C Datasheet
286Kb / 6P
   4-Bit BusSwitch with -2V Undershoot Protection
logo
Fairchild Semiconductor
FSTU3384 FAIRCHILD-FSTU3384 Datasheet
99Kb / 5P
   10-Bit Bus Switch with -2V Undershoot Hardened Circuit (UHC?? Protection
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com