Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS-HFA30PA60CPBF Fiches technique (PDF) - Vishay Siliconix

VS-HFA30PA60CPBF Datasheet PDF - Vishay Siliconix
No de pièce VS-HFA30PA60CPBF
Télécharger  VS-HFA30PA60CPBF Télécharger

Taille du fichier   195.07 Kbytes
Page   8 Pages
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description HEXFRED® Ultrafast Soft Recovery Diode, 2 x 15 A

VS-HFA30PA60CPBF Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
VS-HFA30PA60CPBF Datasheet PDF - Vishay Siliconix

No de pièce VS-HFA30PA60CPBF
Télécharger  VS-HFA30PA60CPBF Click to download

Taille du fichier   195.07 Kbytes
Page   8 Pages
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description HEXFRED® Ultrafast Soft Recovery Diode, 2 x 15 A

VS-HFA30PA60CPBF Fiches technique (HTML) - Vishay Siliconix

VS-HFA30PA60CPBF Datasheet HTML 1Page - Vishay Siliconix VS-HFA30PA60CPBF Datasheet HTML 2Page - Vishay Siliconix VS-HFA30PA60CPBF Datasheet HTML 3Page - Vishay Siliconix VS-HFA30PA60CPBF Datasheet HTML 4Page - Vishay Siliconix VS-HFA30PA60CPBF Datasheet HTML 5Page - Vishay Siliconix VS-HFA30PA60CPBF Datasheet HTML 6Page - Vishay Siliconix VS-HFA30PA60CPBF Datasheet HTML 7Page - Vishay Siliconix VS-HFA30PA60CPBF Datasheet HTML 8Page - Vishay Siliconix

VS-HFA30PA60CPBF Détails du produit

DESCRIPTION
VS-HFA30PA60C... is a state of the art center tap ultrafast recovery diode. Employing the latest in epitaxial construction and advanced processing techniques it features a superb combination of characteristics which result in performance which is unsurpassed by any rectifier previously available. With basic ratings of 600 V and 15 A per leg continuous current, the VS-HFA30PA60C... is especially well suited for use as the companion diode for IGBTs and MOSFETs. In addition to ultrafast recovery time, the HEXFRED® product line features extremely low values of peak recovery current (IRRM) and does not exhibit any tendency to “snap-off” during the tb portion of recovery. 

FEATURES
• Ultrafast and ultrasoft recovery
• Very low IRRM and Qrr
• Designed and qualified according to
   JEDEC-JESD47
• Material categorization:
   For definitions of compliance please see
   www.vishay.com/doc?99912

BENEFITS
• Reduced RFI and EMI
• Reduced power loss in diode and switching transistor
• Higher frequency operation
• Reduced snubbing
• Reduced parts count




Numéro de pièce similaire - VS-HFA30PA60CPBF

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-HFA30PA60C-N3 VISHAY-VS-HFA30PA60C-N3 Datasheet
197Kb / 7P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 2 x 15 A
01-Jan-2022
More results


Description similaire - VS-HFA30PA60CPBF

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-HFA30TA60CSPBF VISHAY-VS-HFA30TA60CSPBF Datasheet
205Kb / 8P
   HEXFRED® , Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 26-Feb-16
VS-HFA30TA60CHN3 VISHAY-VS-HFA30TA60CHN3 Datasheet
156Kb / 6P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 15-Jul-15
VS-HFA30TA60CPBF VISHAY-VS-HFA30TA60CPBF Datasheet
193Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 14-Jul-15
HFA30TA60CSPBF VISHAY-HFA30TA60CSPBF_10 Datasheet
208Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 22-Feb-10
HFA30PA60CPBF VISHAY-HFA30PA60CPBF_11 Datasheet
186Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 23-May-11
HFA50PA60C VISHAY-HFA50PA60C Datasheet
207Kb / 7P
   HEXFRED® Ultrafast, Soft Recovery Diode, 2 x 25 A
Revision: 29-Jul-08
VS-HFA16TA60CSPBF VISHAY-VS-HFA16TA60CSPBF Datasheet
173Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 09-May-16
VS-HFA50PA60CHN3 VISHAY-VS-HFA50PA60CHN3 Datasheet
162Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 25 A
Revision: 15-Jul-15
HFA50PA60CPBF VISHAY-HFA50PA60CPBF Datasheet
210Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 25 A
Revision: 25-Jul-08
VS-HFA16PA120C-N3 VISHAY-VS-HFA16PA120C-N3 Datasheet
161Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
01-Jan-2022
More results




À propos de Vishay Siliconix


Vishay Siliconix est une filiale de Vishay Intertechnology, un fabricant mondial de composants électroniques passifs.
Vishay Siliconix est spécialisée dans la conception, la fabrication et la commercialisation de MOSFET de puissance, IGBTS et autres semi-conducteurs de puissance.
La société a été fondée en 1962 et a son siège à Santa Clara, en Californie.
Vishay Siliconix fournit des solutions d'alimentation pour une variété d'applications, notamment des systèmes d'énergie renouvelable, des équipements industriels, l'informatique et les télécommunications et l'électronique automobile.
Les produits de l'entreprise sont conçus pour une grande efficacité, une faible consommation d'énergie et une forte fiabilité, et sont fabriqués dans des installations de pointe à l'aide de processus de fabrication avancés.
En mettant l'accent sur l'innovation et la satisfaction des clients, Vishay Siliconix s'engage à fournir à ses clients les meilleures solutions de gestion de l'alimentation pour répondre à leurs besoins.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com