Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4-640429-9 Fiches technique (PDF) - Tyco Electronics

4-640429-9 Datasheet PDF - Tyco Electronics
No de pièce 4-640429-9
Télécharger  4-640429-9 Télécharger

Taille du fichier   141.65 Kbytes
Page   1 Pages
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MTA 156 CONNECTOR ASSEMBLY, 24 AWG, STANDARD

4-640429-9 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
4-640429-9 Datasheet PDF - Tyco Electronics

No de pièce 4-640429-9
Télécharger  4-640429-9 Click to download

Taille du fichier   141.65 Kbytes
Page   1 Pages
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MTA 156 CONNECTOR ASSEMBLY, 24 AWG, STANDARD

4-640429-9 Fiches technique (HTML) - Tyco Electronics

4-640429-9 Datasheet HTML 1Page - Tyco Electronics

4-640429-9 Détails du produit

.156 [3.96] Centerline MTA-156 IDC Connectors and Headers

Product Facts
■ Connectors and headers for 2 through 24 positions; wire sizes of 18, 20, 22, 24 and 26 AWG [0 .9– 0.12 mm2]
■ Connectors and headers, except shrouded headers, are end-to-end stackable
■ Quad Connectors for higher current rating (page 54)
■ Posted connectors for 2,3, 4,6,9,12,15 and 24 positions
■ Card edge connectors for 3,6,9,12,15,18 and 20 through 24 positions
■ Connectors preloaded with IDC contacts
■ All contacts are slotted for insulation displacement (IDC) termination technique
■ Connector styles include both closed end and feed thru, with and without lock ing ramps and polarizing tabs
■ Molded ribs on housing do not allow reverse mating
■ Contacts are lubricated for fretting corrosion protection
■ Benefits derived from the MTA-156 system include increases quality and ease of handling such as —
   ■ One-step assembly
   ■ No wire stripping
   ■ No contact damage
   ■ Reduced wiring errors
   ■ Simpler tooling
   ■ Simple maintenance and repair
■ Meets the material require ments of Table 23.1 of UL 1410 Standards for Television Receiver and Video Products (wire-to post connectors only)
■ Recognized under the Component Program of Underwriters Laboratories Inc., File No. E28476
■ Certified by Canadian Standards Association, File No. LR7189




Numéro de pièce similaire - 4-640429-9

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
4-640430-0 MACOM-4-640430-0 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
4-640430-1 MACOM-4-640430-1 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
4-640430-2 MACOM-4-640430-2 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
4-640430-3 MACOM-4-640430-3 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
4-640430-4 MACOM-4-640430-4 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
More results


Description similaire - 4-640429-9

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
641170 MACOM-641170 Datasheet
129Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
641149 MACOM-641149 Datasheet
130Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 20 AWG, STANDARD
640432 MACOM-640432 Datasheet
140Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 20 AWG, STANDARD
640430 MACOM-640430 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
3-640426-2 MACOM-3-640426-2 Datasheet
134Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 18 AWG, STANDARD
640433 MACOM-640433 Datasheet
129Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
640435 MACOM-640435 Datasheet
148Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
641199 MACOM-641199 Datasheet
148Kb / 1P
   MTA 100 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
640441 MACOM-640441 Datasheet
140Kb / 1P
   MTA-100 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
644878 MACOM-644878 Datasheet
139Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY 18 AWG, STANDARD, TAPE MOUNTED
More results




À propos de Tyco Electronics


Tyco Electronics était l'un des principaux fournisseurs de composants électroniques, de solutions réseau et de systèmes sans fil. La société a été initialement créée en 1999 sous le nom de Tyco International et a ensuite été rebaptisée Tyco Electronics en 2007. Tyco Electronics avait une présence mondiale, avec des opérations dans plus de 50 pays et une main-d'œuvre d'environ 20 000 employés.

La société a fourni une large gamme de produits et services, notamment des connecteurs, des relais, des solutions de gestion de l'alimentation, des dispositifs de protection de circuit et d'autres composants électroniques pour une variété d'industries, notamment l'automobile, les communications, l'électronique médicale, industrielle et grand public. Tyco Electronics était connu pour son accent sur la qualité, la fiabilité et l'innovation, et a été reconnu comme un leader dans l'industrie de l'électronique.

En 2012, Tyco Electronics a été acquis par TE Connectivity, l'un des principaux fournisseurs de solutions de connectivité et de capteurs. L'acquisition a aidé la connectivité à étendre son portefeuille de produits et ses offres dans l'industrie de l'électronique et renforcer davantage sa position sur le marché. Tyco Electronics est désormais une filiale de TE Connectivity et continue de fournir des produits et services de haute qualité à ses clients.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com