Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-0630-000E Fiches technique (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-0630-000E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
No de pièce HCPL-0630-000E
Télécharger  HCPL-0630-000E Télécharger

Taille du fichier   356.78 Kbytes
Page   21 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High CMR, High Speed TTL Compatible Optocouplers

HCPL-0630-000E Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HCPL-0630-000E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-0630-000E
Télécharger  HCPL-0630-000E Click to download

Taille du fichier   356.78 Kbytes
Page   21 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High CMR, High Speed TTL Compatible Optocouplers

HCPL-0630-000E Fiches technique (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0630-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HCPL-0630-000E Détails du produit

Description
The 6N137, HCPL-26xx/06xx/4661, HCNW137/26x1 are optically coupled gates that combine a GaAsP light emitting diode and an integrated high gain photo etector.
An enable input allows the detector to be strobed. The output of the detector IC is an open collector Schottky clamped transistor. The internal shield provides a guaranteed common mode transient immunity specification up to 15,000 V/µs at Vcm = 1000 V.
This unique design provides maximum AC and DC circuit isolation while achieving TTL compatibility. The optocoupler AC and DC operational param e ters are guaranteed from -40 °C to +85 °C allowing troublefree system performance.

Features
• 15 kV/µs minimum Common Mode Rejection (CMR)
   at Vcm= 1 kV for HCNW2611, HCPL-2611, HCPL-4661, HCPL-0611, HCPL-0661
• High speed: 10 MBd typical
• LSTTL/TTL compatible
• Low input current capability: 5 mA
• Guaranteed AC and DC performance over temperature: -40 °C to +85 °C
• Available in 8-Pin DIP, SOIC-8, widebody packages
• Strobable output (single channel products only)
• Safety approval
   UL recognized - 3750 Vrms for 1 minute and 5000 Vrms for 1 minute per
   UL1577 CSA approved




Numéro de pièce similaire - HCPL-0630-000E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0630-000E AVAGO-HCPL-0630-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Description similaire - HCPL-0630-000E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com