Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FPAL15SH60 Fiches technique (PDF) - Fairchild Semiconductor

FPAL15SH60 Datasheet PDF - Fairchild Semiconductor
No de pièce FPAL15SH60
Télécharger  FPAL15SH60 Télécharger

Taille du fichier   355.97 Kbytes
Page   17 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Smart Power Module (SPM)

FPAL15SH60 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FPAL15SH60 Datasheet PDF - Fairchild Semiconductor

No de pièce FPAL15SH60
Télécharger  FPAL15SH60 Click to download

Taille du fichier   355.97 Kbytes
Page   17 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Smart Power Module (SPM)

FPAL15SH60 Fiches technique (HTML) - Fairchild Semiconductor

Back Button FPAL15SH60 Datasheet HTML 1Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 2Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 3Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 4Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 5Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 6Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 7Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 8Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 9Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FPAL15SH60 Détails du produit

General Description
FPAL15SH60 is an advanced smart power module (SPM) that Fairchild has newly developed and designed to provide very compact and low cost, yet high performance ac motor drives mainly targeting high speed low-power inverterdriven application like washing machines. It combines optimized circuit protection and drive matched to low-loss IGBTs.

Features
• UL Certified No. E209204
• 600V-15A 3-phase IGBT inverter bridge including control ICs for gate driving and protection
• Single-grounded power supply due to built-in HVIC
• Typical switching frequency of 15kHz
• Built-in thermistor for over-temperature monitoring
• Inverter power rating of 0.75kW / 100~253 Vac
• Isolation rating of 2500Vrms/min.
• Very low leakage current due to using ceramic substrate
• Adjustable current protection level by varying series resistor value with sense-IGBTs

Applications
• AC 100V ~ 253V three-phrase inverter drive for small power (0.75kW) ac motor dives
• Home appliances applications requiring high switching frequency operation like washing machines drive system
• Application ratings:
    - Power : 0.75 kW / 100~253 Vac
    - Switching frequency : Typical 15kHz (PWM Control)
    - 100% load current : 5.0A (Irms)
    - 150% load current : 7.5A (Irms) for 1 minute




Numéro de pièce similaire - FPAL15SH60

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FPAL15SL60 FAIRCHILD-FPAL15SL60 Datasheet
356Kb / 17P
   Smart Power Module (SPM)
FPAL15SM60 FAIRCHILD-FPAL15SM60 Datasheet
357Kb / 17P
   Smart Power Module (SPM)
More results


Description similaire - FPAL15SH60

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSB50325S FAIRCHILD-FSB50325S Datasheet
149Kb / 8P
   Smart Power Module (SPM)
FSB50250S FAIRCHILD-FSB50250S Datasheet
163Kb / 8P
   Smart Power Module (SPM)
FPAL30SL60 FAIRCHILD-FPAL30SL60 Datasheet
679Kb / 17P
   Smart Power Module (SPM)
FSAM10SM60A FAIRCHILD-FSAM10SM60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSAM10SH60A FAIRCHILD-FSAM10SH60A Datasheet
1Mb / 16P
   SPM (Smart Power Module)
FSBM10SH60 FAIRCHILD-FSBM10SH60 Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSB50450 FAIRCHILD-FSB50450 Datasheet
340Kb / 8P
   Smart Power Module (SPM)
FPAL15SL60 FAIRCHILD-FPAL15SL60 Datasheet
356Kb / 17P
   Smart Power Module (SPM)
FPBL20SL60 FAIRCHILD-FPBL20SL60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FPBL20SM60 FAIRCHILD-FPBL20SM60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FSBM15SH60A FAIRCHILD-FSBM15SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com