Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MGA-81563-TR2G Fiches technique (PDF) - AVAGO TECHNOLOGIES LIMITED

MGA-81563-TR2G Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
No de pièce MGA-81563-TR2G
Télécharger  MGA-81563-TR2G Télécharger

Taille du fichier   185.34 Kbytes
Page   11 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 0.1?? GHz 3 V, 14 dBm Amplifier Lead-free Option Available

MGA-81563-TR2G Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MGA-81563-TR2G Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

No de pièce MGA-81563-TR2G
Télécharger  MGA-81563-TR2G Click to download

Taille du fichier   185.34 Kbytes
Page   11 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 0.1?? GHz 3 V, 14 dBm Amplifier Lead-free Option Available

MGA-81563-TR2G Fiches technique (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-81563-TR2G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-81563-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-81563-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-81563-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-81563-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-81563-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-81563-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-81563-TR2G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-81563-TR2G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-81563-TR2G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

MGA-81563-TR2G Détails du produit

Description
Avago’s MGA-81563 is an economical, easy-to-use GaAs MMIC amplifier that offers excellent power and low noise figure for applications from 0.1 to 6 GHz. Packaged in an ultra-miniature SOT-363 package, it requires half the board space of a SOT-143 package.

Features
• Lead-free Option Available
• +14.8 dBm P1dB at 2.0 GHz +17 dBm Psat at 2.0 GHz
• Single +3V Supply
• 2.8 dB Noise Figure at 2.0 GHz
• 12.4 dB Gain at 2.0 GHz
• Ultra-miniature Package
• Unconditionally Stable

Applications
• Buffer or Driver Amp for PCS, PHS, ISM, SATCOM and WLL Applications
• High Dynamic Range LNA




Numéro de pièce similaire - MGA-81563-TR2G

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
MGA-81563-TR2G BOARDCOM-MGA-81563-TR2G Datasheet
185Kb / 11P
   0.1?? GHz 3 V, 14 dBm Amplifier
More results


Description similaire - MGA-81563-TR2G

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-81563 AVAGO-MGA-81563_15 Datasheet
185Kb / 11P
   0.1?? GHz 3 V, 14 dBm Amplifier
logo
Broadcom Corporation.
MGA-81563 BOARDCOM-MGA-81563 Datasheet
185Kb / 11P
   0.1?? GHz 3 V, 14 dBm Amplifier
DEMO-MGA-8A BOARDCOM-DEMO-MGA-8A Datasheet
185Kb / 11P
   0.1?? GHz 3 V, 14 dBm Amplifier
logo
Agilent(Hewlett-Packard...
MGA-81563 HP-MGA-81563 Datasheet
135Kb / 12P
   0.1- 6 GHz 3 V, 14 dBm Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-82563 AVAGO-MGA-82563 Datasheet
169Kb / 11P
   0.1??6 GHz 3 V, 17 dBm Amplifier
MSA-0386 AVAGO-MSA-0386 Datasheet
59Kb / 5P
   Lead-free Option Available
MGA-87563 AVAGO-MGA-87563 Datasheet
132Kb / 9P
   Lead-free Option Available
MSA-0986 AVAGO-MSA-0986 Datasheet
68Kb / 4P
   Lead-free Option Available
logo
Broadcom Corporation.
DEMO-MGA-83A BOARDCOM-DEMO-MGA-83A Datasheet
325Kb / 22P
   Lead-free Option Available
logo
AVAGO TECHNOLOGIES LIMI...
MSA-3111 AVAGO-MSA-3111 Datasheet
185Kb / 7P
   Lead-free Option Available
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com