Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-263L Fiches technique (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-263L Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
No de pièce HCPL-263L
Télécharger  HCPL-263L Télécharger

Taille du fichier   333.17 Kbytes
Page   19 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Speed LVTTL Compatible 3.3 Volt Optocouplers Low power consumption

HCPL-263L Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HCPL-263L Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-263L
Télécharger  HCPL-263L Click to download

Taille du fichier   333.17 Kbytes
Page   19 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Speed LVTTL Compatible 3.3 Volt Optocouplers Low power consumption

HCPL-263L Fiches technique (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-263L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HCPL-263L Détails du produit

Description

The HCPL-260L/060L/263L/063L are optically coupled gates that combine a GaAsP light emitting diode and an integrated high gain photo detector. An enable in put allows the detector to be strobed. The output of the detector IC is an open collector Schottky-clamped transistor. The internal shield provides a guaranteed common mode transient immunity specification of 15 kV/μs at 3.3V.

This unique design provides maximum AC and DC circuit isolation while achieving LVTTL/LVCMOS compati-bili ty. The optocoupler AC and DC operational parameters are guaranteed from –40°C to +85°C allowing trouble free system performance.



Features

• 3.3V/5V Dual Supply Voltages

• Low power consumption

• 15 kV/μs minimum Common Mode Rejection (CMR) at VCM = 1000 V

• High speed: 15 MBd typical

• LVTTL/LVCMOS compatible

• Low input current capability: 5 mA

• Guaranteed AC and DC performance over temperature: –40°C to +85°C

• Available in 8-pin DIP, SOIC-8

• Strobable output (single channel products only)

• Safety approvals: UL, CSA, IEC/EN/DIN EN 60747-5-2



Applications

• Isolated line receiver

• Computer-peripheral interfaces

• Microprocessor system interfaces

• Digital isolation for A/D, D/A conversion

• Switching power supply

• Instrument input/output isolation

• Ground loop elimination

• Pulse transformer replacement

• Field buses



 




Numéro de pièce similaire - HCPL-263L

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-263L HP-HCPL-263L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-263L AVAGO-HCPL-263L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-263L AVAGO-HCPL-263L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-263L AVAGO-HCPL-263L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-263L-000E AVAGO-HCPL-263L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
More results


Description similaire - HCPL-263L

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-300 AVAGO-HCPL-260L-300 Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-W60L-500E AVAGO-ACPL-W60L-500E Datasheet
292Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt/5 Volt Optocouplers
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
Agilent(Hewlett-Packard...
HCPL270L HP-HCPL270L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com