Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACPL-W70L Fiches technique (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-W70L Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
No de pièce ACPL-W70L
Télécharger  ACPL-W70L Télécharger

Taille du fichier   357.77 Kbytes
Page   14 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Single-channel and Dual-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature

ACPL-W70L Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
ACPL-W70L Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

No de pièce ACPL-W70L
Télécharger  ACPL-W70L Click to download

Taille du fichier   357.77 Kbytes
Page   14 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Single-channel and Dual-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature

ACPL-W70L Fiches technique (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-W70L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-W70L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-W70L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-W70L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-W70L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-W70L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-W70L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-W70L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-W70L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-W70L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

ACPL-W70L Détails du produit

Description

The ACPL-W70L (single-channel) and ACPL-K73L (dual channel) are 15 MBd CMOS optocouplers in SSOIC-6 and SSOIC-8 package respectively. The optocouplers utilize the latest CMOS IC technology to achieve outstanding performance with very low power consumption. Basic building blocks of ACPL-W70L and ACPL-K73L are high speed LEDs and CMOS detector ICs. Each detector incorporates an in tegrated photodiode, a high speed transimpedance amplifier, and a voltage comparator with an output driver.



Features

•  +3.3V and 5 V CMOS compatibility

•  25ns max. pulse width distortion

•  55ns max. propagation delay

•  40ns max. propagation delay skew

•  High speed: 15 MBd min

•  10 kV/µs minimum common mode rejection

•  –40 to 105°C temperature range

•  Glitch-Free Power-UP Feature

•  Safety and regulatory approvals:

- UL recognized: 5000 V rms for 1 min. per UL 1577

- CSA component acceptance Notice #5

- IEC/EN/DIN EN 60747-5-2 approved Option 060



Applications

•  Digital field bus isolation:

- CANBus, RS485, USB

•  Multiplexed data transmission

•  Computer peripheral interface

•  Microprocessor system interface

•  DC/DC converter




Numéro de pièce similaire - ACPL-W70L

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
ACPL-W70L BOARDCOM-ACPL-W70L Datasheet
815Kb / 16P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler with Glitch-Free Power-Up Feature
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W70L-000E AVAGO-ACPL-W70L-000E Datasheet
370Kb / 14P
   Single-channel and Dual-channel High Speed 15 MBd
logo
Broadcom Corporation.
ACPL-W70L-000E BOARDCOM-ACPL-W70L-000E Datasheet
815Kb / 16P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler with Glitch-Free Power-Up Feature
More results


Description similaire - ACPL-W70L

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-071L AVAGO-ACPL-071L Datasheet
540Kb / 12P
   Single-channel and Dual-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature
logo
Broadcom Corporation.
ACPL-W70L-000E BOARDCOM-ACPL-W70L-000E Datasheet
815Kb / 16P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler with Glitch-Free Power-Up Feature
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M75L AVAGO-ACPL-M75L Datasheet
169Kb / 13P
   Single-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature
logo
Broadcom Corporation.
ACPL-071L BOARDCOM-ACPL-071L Datasheet
600Kb / 11P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K73L-060E AVAGO-ACPL-K73L-060E Datasheet
370Kb / 14P
   Single-channel and Dual-channel High Speed 15 MBd
ACPL-074L-000E AVAGO-ACPL-074L-000E Datasheet
259Kb / 1P
   Single-channel and Dual-channel High Speed 15 MBd
logo
Vishay Siliconix
VO2601-X017T VISHAY-VO2601-X017T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
6N137 VISHAY-6N137_16 Datasheet
245Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 2.0, 27-Sep-16
VO2611-X007T VISHAY-VO2611-X007T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
VO4661 VISHAY-VO4661_V01 Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com