Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM31256-GTR Fiches technique (PDF) - Cypress Semiconductor

FM31256-GTR Datasheet PDF - Cypress Semiconductor
No de pièce FM31256-GTR
Télécharger  FM31256-GTR Télécharger

Taille du fichier   773.3 Kbytes
Page   27 Pages
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Integrated Processor Companion with Memory

FM31256-GTR Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FM31256-GTR Datasheet PDF - Cypress Semiconductor

No de pièce FM31256-GTR
Télécharger  FM31256-GTR Click to download

Taille du fichier   773.3 Kbytes
Page   27 Pages
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Integrated Processor Companion with Memory

FM31256-GTR Fiches technique (HTML) - Cypress Semiconductor

Back Button FM31256-GTR Datasheet HTML 1Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 2Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 3Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 4Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 5Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 6Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 7Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 8Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 9Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 10Page - Cypress Semiconductor Next Button 

FM31256-GTR Détails du produit

Description
The FM31xx is a family of integrated devices that includes the most commonly needed functions for processor-based systems. Major features include nonvolatile memory available in various sizes, realtime clock, low-VDD reset, watchdog timer, nonvolatile event counter, lockable 64-bit serial number area, and general purpose comparator that can be used for an early power-fail (NMI) interruptor other purpose. The family operates from 2.7 to 5.5V.

Features
High Integration Device Replaces Multiple Parts
• Serial Nonvolatile Memory
• Real-time Clock (RTC)
• Low Voltage Reset
• Watchdog Timer
• Early Power-Fail Warning/NMI
• Two 16-bit Event Counters
• Serial Number with Write-lock for Security

Ferroelectric Nonvolatile RAM
• 4Kb, 16Kb, 64Kb, and 256Kb versions
• Virtually Unlimited Read/Write Endurance
• 38 year Data Retention (+75°C)
• NoDelay™ Writes

Real-time Clock/Calendar
• Backup Current 1.4 μA
• Seconds through Centuries in BCD format
• Tracks Leap Years through 2099
• Uses Standard 32.768 kHz Crystal (6pF)
• Software Calibration
• Supports Battery or Capacitor Backup

Processor Companion
• Active-low Reset Output for VDD and Watchdog
• Programmable VDD Reset Trip Point
• Manual Reset Filtered and Debounced
• Programmable Watchdog Timer
• Dual Battery-backed Event Counter Tracks System Intrusions or other Events
• Comparator for Early Power-Fail Interrupt
• 64-bit Programmable Serial Number with Lock

Fast Two-wire Serial Interface
• Up to 1 MHz Maximum Bus Frequency
• Supports Legacy Timing for 100 kHz & 400 kHz
• Device Select Pins for up to 4 Memory Devices
• RTC, Supervisor Controlled via 2-wire Interface

Easy to Use Configurations
• Operates from 2.7 to 5.5V
• Small Footprint 14-pin “Green” SOIC (-G)
• Low Operating Current
• -40°C to +85°C Operation




Numéro de pièce similaire - FM31256-GTR

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM31256-G RAMTRON-FM31256-G Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
More results


Description similaire - FM31256-GTR

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
More results




À propos de Cypress Semiconductor


Cypress Semiconductor est une entreprise américaine spécialisée dans la conception et la fabrication de circuits numériques et analogiques haute performance (CI).
La société a été fondée en 1982 et a son siège à San Jose, en Californie, aux États-Unis.
Cypress propose une large gamme de produits, notamment des microcontrôleurs, des produits de mémoire, des solutions de connectivité sans fil et d'autres CI numériques et analogiques.
Les produits de l'entreprise sont utilisés dans diverses applications telles que l'électronique grand public, les systèmes automobiles, les systèmes industriels, etc.
Cypress est connu pour son expertise dans la technologie du système à signal mixte et programmable (PSOC), des produits de haute qualité et l'innovation dans le domaine des systèmes embarqués.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com