Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FWP-3A14F Fiches technique (PDF) - Cooper Bussmann, Inc.

FWP-3A14F Datasheet PDF - Cooper Bussmann, Inc.
No de pièce FWP-3A14F
Télécharger  FWP-3A14F Télécharger

Taille du fichier   42.83 Kbytes
Page   1 Pages
Fabricant  COOPER [Cooper Bussmann, Inc.]
Site Internet  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description FWP 660V/700V (IEC/U.L.)

FWP-3A14F Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FWP-3A14F Datasheet PDF - Cooper Bussmann, Inc.

No de pièce FWP-3A14F
Télécharger  FWP-3A14F Click to download

Taille du fichier   42.83 Kbytes
Page   1 Pages
Fabricant  COOPER [Cooper Bussmann, Inc.]
Site Internet  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description FWP 660V/700V (IEC/U.L.)

FWP-3A14F Fiches technique (HTML) - Cooper Bussmann, Inc.

FWP-3A14F Datasheet HTML 1Page - Cooper Bussmann, Inc.



Numéro de pièce similaire - FWP-3A14F

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
FWP-3A14F COOPER-FWP-3A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-3A14F COOPER-FWP-3A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-3A14Fa COOPER-FWP-3A14Fa Datasheet
1Mb / 21P
   Ferrule fuses
More results


Description similaire - FWP-3A14F

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
FWP-20A22F COOPER-FWP-20A22F Datasheet
40Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-1A14F COOPER-FWP-1A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-5A14F COOPER-FWP-5A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
40-1000A COOPER-40-1000A Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.)
logo
List of Unclassifed Man...
170M3819 ETC2-170M3819 Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.) 40-1000A
logo
Cooper Bussmann, Inc.
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
FWP-100A COOPER-FWP-100A Datasheet
50Kb / 2P
   FWP 700V 5-1200A
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
FWP-300 COOPER-FWP-300 Datasheet
50Kb / 2P
   FWP 700V 5-1200A
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
More results




À propos de Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com