Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDZ2554P Fiches technique (PDF) - Fairchild Semiconductor

FDZ2554P Datasheet PDF - Fairchild Semiconductor
No de pièce FDZ2554P
Télécharger  FDZ2554P Télécharger

Taille du fichier   183.34 Kbytes
Page   6 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Monolithic Common Drain P-Channel 2.5V Specified PowerTrench

FDZ2554P Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FDZ2554P Datasheet PDF - Fairchild Semiconductor

No de pièce FDZ2554P
Télécharger  FDZ2554P Click to download

Taille du fichier   183.34 Kbytes
Page   6 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Monolithic Common Drain P-Channel 2.5V Specified PowerTrench

FDZ2554P Fiches technique (HTML) - Fairchild Semiconductor

FDZ2554P Datasheet HTML 1Page - Fairchild Semiconductor FDZ2554P Datasheet HTML 2Page - Fairchild Semiconductor FDZ2554P Datasheet HTML 3Page - Fairchild Semiconductor FDZ2554P Datasheet HTML 4Page - Fairchild Semiconductor FDZ2554P Datasheet HTML 5Page - Fairchild Semiconductor FDZ2554P Datasheet HTML 6Page - Fairchild Semiconductor

FDZ2554P Détails du produit

General Description
Combining Fairchild’s advanced 2.5V specified PowerTrench process with state-of-the-art BGA packaging, the FDZ2554P minimizes both PCB space and RDS(ON). This monolithic common drain BGA MOSFET embodies a breakthrough in packaging technology which enables the device to combine excellent thermal transfer characteristics, high current handling capability, ultra-low profile packaging, low gate charge, and low RDS(ON).

Features
• –6.5 A, –20 V. RDS(ON) = 28 mΩ @ VGS = –4.5 V RDS(ON) = 45 mΩ @ VGS = –2.5 V
• Occupies only 0.10 cm2 of PCB area: 1/3 the area of SO-8
• Ultra-thin package: less than 0.80 mm height when mounted to PCB
• Outstanding thermal transfer characteristics: significantly better than SO-8
• Ultra-low Qg x RDS(ON) figure-of-merit
• High power and current handling capability

Applications
• Battery management
• Load switch
• Battery protection




Numéro de pièce similaire - FDZ2554P

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDZ2554P FAIRCHILD-FDZ2554P Datasheet
222Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ2554PZ FAIRCHILD-FDZ2554PZ Datasheet
149Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ2554P FAIRCHILD-FDZ2554P_07 Datasheet
222Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
More results


Description similaire - FDZ2554P

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDZ2554P FAIRCHILD-FDZ2554P_07 Datasheet
222Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDMC3300NZA FAIRCHILD-FDMC3300NZA Datasheet
318Kb / 7P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ2553N FAIRCHILD-FDZ2553N Datasheet
199Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ2554PZ FAIRCHILD-FDZ2554PZ Datasheet
149Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDM2452NZ FAIRCHILD-FDM2452NZ Datasheet
137Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMW2512NZ FAIRCHILD-FDMW2512NZ Datasheet
135Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM2509NZ FAIRCHILD-FDM2509NZ Datasheet
194Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM3300NZ FAIRCHILD-FDM3300NZ Datasheet
460Kb / 8P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDZ2553NZ FAIRCHILD-FDZ2553NZ Datasheet
155Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDW2509NZ FAIRCHILD-FDW2509NZ Datasheet
105Kb / 5P
   Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com