Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5193 Fiches technique (PDF) - Fairchild Semiconductor

FAN5193 Datasheet PDF - Fairchild Semiconductor
No de pièce FAN5193
Télécharger  FAN5193 Télécharger

Taille du fichier   524.84 Kbytes
Page   21 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Two Phase Interleaved Synchronous Buck Converter

FAN5193 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FAN5193 Datasheet PDF - Fairchild Semiconductor

No de pièce FAN5193
Télécharger  FAN5193 Click to download

Taille du fichier   524.84 Kbytes
Page   21 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Two Phase Interleaved Synchronous Buck Converter

FAN5193 Fiches technique (HTML) - Fairchild Semiconductor

Back Button FAN5193 Datasheet HTML 1Page - Fairchild Semiconductor FAN5193 Datasheet HTML 2Page - Fairchild Semiconductor FAN5193 Datasheet HTML 3Page - Fairchild Semiconductor FAN5193 Datasheet HTML 4Page - Fairchild Semiconductor FAN5193 Datasheet HTML 5Page - Fairchild Semiconductor FAN5193 Datasheet HTML 6Page - Fairchild Semiconductor FAN5193 Datasheet HTML 7Page - Fairchild Semiconductor FAN5193 Datasheet HTML 8Page - Fairchild Semiconductor FAN5193 Datasheet HTML 9Page - Fairchild Semiconductor FAN5193 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FAN5193 Détails du produit

Description
The FAN5193 is a synchronous multi-phase DC-DC controller IC which provides a highly accurate, programmable output voltage for all high-performance processors. Two interleaved synchronous buck regulator phases with built-in current sharing operate 180° out of phase to provide the fast transient response needed to satisfy high current applications while minimizing external components.

Features
• Programmable output from 1.10V to 1.85V in 25mV steps
   using an integrated 5-bit DAC
• Two interleaved synchronous phases for maximum
   performance
• 100nsec response time
• Built-in current sharing between phases
• Remote sense
• Programmable Active Droop (Voltage Positioning)
• Programmable frequency from 200KHz to 2MHz
• Adaptive delay gate switching
• Integrated high-current gate drivers
• Integrated Power Good, OV, UVLO, Enable/Soft Start
   functions
• Drives N-channel MOSFETs
• Operation optimized for 12V operation
• High efficiency mode (E*) at light load
• Overcurrent protection using MOSFET sensing
• 24 pin TSSOP package

Applications
• Power supply for Pentium® IV
• Power supply for Athlon®
• VRM for Pentium IV processor
• Programmable step-down power supply




Numéro de pièce similaire - FAN5193

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5109 FAIRCHILD-FAN5109 Datasheet
119Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5109B FAIRCHILD-FAN5109B Datasheet
696Kb / 14P
   Dual Bootstrapped 12V MOSFET Driver
FAN5109MX FAIRCHILD-FAN5109MX Datasheet
119Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5182 FAIRCHILD-FAN5182 Datasheet
788Kb / 18P
   Adjustable Output 1, 2, or 3-Phase Synchronous Buck Controller
FAN5182 FAIRCHILD-FAN5182 Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
More results


Description similaire - FAN5193

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5091 FAIRCHILD-FAN5091 Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
FAN5098 FAIRCHILD-FAN5098 Datasheet
460Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for AMD Hammer?
FAN5093MTC FAIRCHILD-FAN5093MTC Datasheet
584Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5090 FAIRCHILD-FAN5090 Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5093 FAIRCHILD-FAN5093 Datasheet
578Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
   300W 2-Phase Interleaved Synchronous Buck-Boost Converter
logo
Fairchild Semiconductor
FAN5094 FAIRCHILD-FAN5094 Datasheet
182Kb / 22P
   Multi-Phase Interleaved Buck Converter
logo
STMicroelectronics
L6712 STMICROELECTRONICS-L6712_05 Datasheet
626Kb / 29P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
L6712 STMICROELECTRONICS-L6712 Datasheet
1Mb / 27P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com