Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP2132A Fiches technique (PDF) - BCD Semiconductor Manufacturing Limited

AP2132A Datasheet PDF - BCD Semiconductor Manufacturing Limited
No de pièce AP2132A
Télécharger  AP2132A Télécharger

Taille du fichier   667.91 Kbytes
Page   13 Pages
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description Peak 3A CMOS LDO Regulator with Enable and Power Good

AP2132A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AP2132A Datasheet PDF - BCD Semiconductor Manufacturing Limited

No de pièce AP2132A
Télécharger  AP2132A Click to download

Taille du fichier   667.91 Kbytes
Page   13 Pages
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description Peak 3A CMOS LDO Regulator with Enable and Power Good

AP2132A Fiches technique (HTML) - BCD Semiconductor Manufacturing Limited

Back Button AP2132A Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2132A Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2132A Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2132A Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2132A Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2132A Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2132A Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2132A Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2132A Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2132A Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button 

AP2132A Détails du produit

General Description

The AP2132A series are positive voltage regulator ICs fabricated by CMOS process. The ICs consist of a voltage reference, an error amplifier, a power transistor, a resistor network for setting output voltage, a current limit circuit for current protection, and a chip enable circuit.



Features

•  Adjustable Output: 0.6V to 3.0V

• Low Dropout Voltage: 300mV at IOUT=2A, VOUT=1.2V

•  Over Current and Over Temperature Protection

• Enable Pin

•  PSOP-8 Package with Thermal Pad

•  Maximum Output Current: 3A (Peak)

• High Output Voltage Accuracy: 2%

• VOUTPower Good Signal

•  Excellent Line/Load Regulation



Applications

• Notebook




Numéro de pièce similaire - AP2132A

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AP2132A DIODES-AP2132A Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
AP2132AMP-1.2G1 DIODES-AP2132AMP-1.2G1 Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
AP2132AMP-1.2TRG1 DIODES-AP2132AMP-1.2TRG1 Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
AP2132AMP-1.5G1 DIODES-AP2132AMP-1.5G1 Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
AP2132AMP-1.5TRG1 DIODES-AP2132AMP-1.5TRG1 Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
More results


Description similaire - AP2132A

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AP2132A DIODES-AP2132A Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002_07 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9004 TSC-TS9004_07 Datasheet
311Kb / 7P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9004 TSC-TS9004 Datasheet
125Kb / 5P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
logo
Global Mixed-mode Techn...
G966A GMT-G966A Datasheet
46Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G9661 GMT-G9661 Datasheet
82Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G966L GMT-G966L Datasheet
63Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G9662 GMT-G9662 Datasheet
44Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
logo
Rohm
BD00JC0MNUX-M ROHM-BD00JC0MNUX-M Datasheet
1Mb / 31P
   LDO Regulator with Power Good
19.Apr.2022 Rev.002
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com