Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AOZ8005FI Fiches technique (PDF) - Alpha & Omega Semiconductors

AOZ8005FI Datasheet PDF - Alpha & Omega Semiconductors
No de pièce AOZ8005FI
Télécharger  AOZ8005FI Télécharger

Taille du fichier   646.54 Kbytes
Page   14 Pages
Fabricant  AOSMD [Alpha & Omega Semiconductors]
Site Internet  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Ultra-Low Capacitance TVS Diode Array

AOZ8005FI Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AOZ8005FI Datasheet PDF - Alpha & Omega Semiconductors

No de pièce AOZ8005FI
Télécharger  AOZ8005FI Click to download

Taille du fichier   646.54 Kbytes
Page   14 Pages
Fabricant  AOSMD [Alpha & Omega Semiconductors]
Site Internet  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Ultra-Low Capacitance TVS Diode Array

AOZ8005FI Fiches technique (HTML) - Alpha & Omega Semiconductors

Back Button AOZ8005FI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8005FI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8005FI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8005FI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8005FI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8005FI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8005FI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8005FI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ8005FI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ8005FI Datasheet HTML 10Page - Alpha & Omega Semiconductors Next Button 

AOZ8005FI Détails du produit

General Description
The AOZ8005 is a transient voltage suppressor array designed to protect high speed data lines such as HDMI and Gigabit Ethernet from damaging ESD events.
This device incorporates eight surge rated, low capacitance steering diodes and a TVS in a single package. During transient conditions, the steering diodes direct the transient to either the positive side of the power supply line or to ground.
The AOZ8005 provides a typical line to line capacitance of 0.47pF and low insertion loss up to 2GHz providing greater signal integrity making it ideally suited for HDMI 1.3 applications, such as Digital TVs, DVD players, set-top boxes and mobile computing devices.
The AOZ8005 comes in RoHS compliant, tiny SOT-23-6 and MSOP-10 packages and is rated -40°C to +85°C junction temperature range.
The MSOP package features a flow through layout design.

Features
● ESD protection for high-speed data lines:
   – IEC 61000-4-2, level 4 (ESD) immunity test
   – ±15kV (air discharge) and ±8kV (contact discharge)
   – Human Body Model (HBM) ±15kV
● Array of surge rated diodes with internal TVS diode
● Small package saves board space
● Protects four I/O lines
● Low capacitance between I/O lines: 0.47pF
● Low clamping voltage
● Low operating voltage: 5.0V

Applications
● HDMI ports
● Monitors and flat panel displays
● Set-top box
● USB 2.0 power and data line protection
● Video graphics cards
● Digital Video Interface (DVI)
● 10/100/1000 Ethernet
● Notebook computers




Numéro de pièce similaire - AOZ8005FI

FabricantNo de pièceFiches techniqueDescription
logo
Alpha & Omega Semicondu...
AOZ8005CI AOSMD-AOZ8005CI Datasheet
86Kb / 4P
   Plastic Encapsulated Device
More results


Description similaire - AOZ8005FI

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Leiditech Elec...
ULC3324P10 LEIDITECH-ULC3324P10 Datasheet
542Kb / 4P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC08DT3 LEIDITECH-ULC08DT3 Datasheet
133Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC12TN LEIDITECH-ULC12TN Datasheet
1Mb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC24CTN LEIDITECH-ULC24CTN Datasheet
1Mb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
logo
Alpha & Omega Semicondu...
AOZ8300 AOSMD-AOZ8300 Datasheet
184Kb / 7P
   Ultra-Low Capacitance TVS Diode Array
logo
HUAYI MICROELECTRONICS ...
HYE0505F HUAYI-HYE0505F Datasheet
1Mb / 5P
   Ultra-Low Capacitance TVS Diode Array
logo
Alpha & Omega Semicondu...
AOZ8802A AOSMD-AOZ8802A Datasheet
365Kb / 9P
   Ultra-Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC15DT3 LEIDITECH-ULC15DT3 Datasheet
588Kb / 6P
   Ultra Low Capacitance TVS Diode Array
ULC0804P10 LEIDITECH-ULC0804P10 Datasheet
420Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC0542P3 LEIDITECH-ULC0542P3 Datasheet
703Kb / 5P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
More results




À propos de Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) est une société mondiale de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés de gestion de l'alimentation (CI).
La société a été fondée en 1995 et a son siège social à San Jose, en Californie.
AOS fournit une large gamme de solutions de gestion de l'énergie pour les applications dans l'électronique grand public, l'informatique, les télécommunications et les systèmes industriels, entre autres.
L'entreprise est connue pour sa technologie de pointe et ses produits innovants, et elle a une forte réputation dans l'industrie des semi-conducteurs.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com