Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP2161WG-7 Fiches technique (PDF) - Diodes Incorporated

AP2161WG-7 Datasheet PDF - Diodes Incorporated
No de pièce AP2161WG-7
Télécharger  AP2161WG-7 Télécharger

Taille du fichier   457.28 Kbytes
Page   18 Pages
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH

AP2161WG-7 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AP2161WG-7 Datasheet PDF - Diodes Incorporated

No de pièce AP2161WG-7
Télécharger  AP2161WG-7 Click to download

Taille du fichier   457.28 Kbytes
Page   18 Pages
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH

AP2161WG-7 Fiches technique (HTML) - Diodes Incorporated

Back Button AP2161WG-7 Datasheet HTML 1Page - Diodes Incorporated AP2161WG-7 Datasheet HTML 2Page - Diodes Incorporated AP2161WG-7 Datasheet HTML 3Page - Diodes Incorporated AP2161WG-7 Datasheet HTML 4Page - Diodes Incorporated AP2161WG-7 Datasheet HTML 5Page - Diodes Incorporated AP2161WG-7 Datasheet HTML 6Page - Diodes Incorporated AP2161WG-7 Datasheet HTML 7Page - Diodes Incorporated AP2161WG-7 Datasheet HTML 8Page - Diodes Incorporated AP2161WG-7 Datasheet HTML 9Page - Diodes Incorporated AP2161WG-7 Datasheet HTML 10Page - Diodes Incorporated Next Button 

AP2161WG-7 Détails du produit

Description

The AP2161D and AP2171D are integrated high-side power switches optimized for Universal Serial Bus (USB) and other hot-swap applications. The family of devices complies with USB 2.0 and is available with both polarities of Enable input. They offer current and thermal limiting and short circuit protection as well as controlled rise time and under-voltage lockout functionality. A 7ms deglitch capability on the open-drain Flag output prevents false over-current reporting and does not require any external components.

All devices are available in SOT25, SO-8, MSOP-8, MSOP-8EP, and U-DFN2018-6 packages.



Features

• Single USB Port Power Switches with Output Discharge

• Over-Current and Thermal Protection

• 1.5A Accurate Current Limiting

• Fast Transient Response

• Reverse Current Blocking

• 90mΩ On-Resistance

• Input Voltage Range: 2.7V – 5.5V

• 0.6ms Typical Rise Time

• Very Low Shutdown Current: 1µA (max)

• Fault Report (FLG) with Blanking Time (7ms typ)

• ESD Protection: 4kV HBM, 300V MM

• Active High (AP2171D) or Active Low (AP2161D) Enable

• Ambient Temperature Range -40°C to +85°C

• SOT25, SO-8, MSOP-8, MSOP-8EP (Exposed Pad), and U-DFN2018-6: Available in “Green” Molding Compound

• (No Br, Sb)

• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)

• Halogen and Antimony Free. “Green” Device (Note 3)

• UL Recognized, File Number E322375

• IEC60950-1 CB Scheme Certified



Applications

• Consumer electronics – LCD TV & Monitor, Game Machines

• Communications – Set-Top-Box, GPS, Smartphone

• Computing – Laptop, Desktop, Servers, Printers, Docking Station, HUB



 




Numéro de pièce similaire - AP2161WG-7

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AP2161 DIODES-AP2161 Datasheet
389Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2171 Rev. 6
AP2161A DIODES-AP2161A Datasheet
1Mb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
March 2015
AP2161D DIODES-AP2161D Datasheet
543Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
AP2161D DIODES-AP2161D Datasheet
482Kb / 17P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32250 Rev. 2 - 2
AP2161D DIODES-AP2161D Datasheet
602Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
More results


Description similaire - AP2161WG-7

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2161A DIODES-AP2161A Datasheet
1Mb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
March 2015
AP2161 DIODES-AP2161_09 Datasheet
389Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2171 Rev. 6
AP2161D_1009 DIODES-AP2161D_1009 Datasheet
482Kb / 17P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32250 Rev. 2 - 2
AP2172 DIODES-AP2172 Datasheet
511Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2166 DIODES-AP2166 Datasheet
541Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2166/AP2176 Rev 1
logo
Monolithic Power System...
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
logo
Diodes Incorporated
AP2171DM8G-13 DIODES-AP2171DM8G-13 Datasheet
602Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
AP2161D DIODES-AP2161D Datasheet
543Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
logo
Shenzhen Huazhimei Semi...
HM4610 HMSEMI-HM4610 Datasheet
937Kb / 9P
   1A Current Limited Load Switch
More results




À propos de Diodes Incorporated


Diodes Incorporated est une société cotée en bourse qui conçoit, fabrique et fournit un large éventail de semi-conducteurs discrets, analogiques et de signaux mixtes et de solutions de puissance complètes.
L'entreprise a été fondée en 1964 et a son siège à Plano, au Texas.
Il fonctionne à l'échelle mondiale avec des centres de vente, de soutien et de conception en Amérique du Nord, en Europe et en Asie.
Diodes Incorporated dessert une variété d'industries, notamment l'automobile, les communications, l'informatique, le consommateur et l'industrie.
La société propose une large gamme de produits, notamment des diodes, des redresseurs, des transistors, des régulateurs de tension, des MOSFET, des conducteurs LED et des dispositifs de protection, entre autres.
La mission de l'entreprise est de fournir aux clients des produits de haute qualité et de haute fiabilité et un excellent service client.
En mettant l'accent sur l'innovation et la satisfaction des clients, Diodes Incorporated s'engage à devenir l'un des principaux fournisseurs de solutions de gestion de l'énergie.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com