Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

744325180 Fiches technique (PDF) - Analog Devices

744325180 Datasheet PDF - Analog Devices
No de pièce 744325180
Télécharger  744325180 Télécharger

Taille du fichier   650.74 Kbytes
Page   24 Pages
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices
Description 20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator

744325180 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
744325180 Datasheet PDF - Analog Devices

No de pièce 744325180
Télécharger  744325180 Click to download

Taille du fichier   650.74 Kbytes
Page   24 Pages
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices
Description 20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator

744325180 Fiches technique (HTML) - Analog Devices

Back Button 744325180 Datasheet HTML 1Page - Analog Devices 744325180 Datasheet HTML 2Page - Analog Devices 744325180 Datasheet HTML 3Page - Analog Devices 744325180 Datasheet HTML 4Page - Analog Devices 744325180 Datasheet HTML 5Page - Analog Devices 744325180 Datasheet HTML 6Page - Analog Devices 744325180 Datasheet HTML 7Page - Analog Devices 744325180 Datasheet HTML 8Page - Analog Devices 744325180 Datasheet HTML 9Page - Analog Devices 744325180 Datasheet HTML 10Page - Analog Devices Next Button 

744325180 Détails du produit

GENERAL DESCRIPTION
The ADP2384 is a synchronous, step-down dc-to-dc regulator with an integrated 44 mΩ, high-side power MOSFET and an 11.6 mΩ, synchronous rectifier MOSFET to provide a high efficiency solution in a compact 4 mm × 4 mm LFCSP package.
   
FEATURES
    Input voltage: 4.5 V to 20 V
    Integrated MOSFET: 44 mΩ/11.6 mΩ
    Reference voltage: 0.6 V ± 1%
    Continuous output current: 4 A
    Programmable switching frequency: 200 kHz to 1.4 MHz
    Synchronizes to external clock: 200 kHz to 1.4 MHz
    180° out-of-phase clock synchronization
    Precision enable and power good
    External compensation
    Internal soft start with external adjustable option
    Startup into a precharged output
    Supported by ADIsimPower design tool
   
APPLICATIONS
    Communications infrastructure
    Networking and servers
    Industrial and instrumentation
    Healthcare and medical
    Intermediate power rail conversion
    DC-to-dc point-of-load applications
   




Numéro de pièce similaire - 744325180

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
744325180 WURTH-744325180 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
More results


Description similaire - 744325180

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
   20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
Rev. C
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
ON Semiconductor
FAN8303 ONSEMI-FAN8303 Datasheet
837Kb / 13P
   2 A 23 V Non-Synchronous Step-Down DC/DC Regulator
Rev. 1.2
logo
Analog Devices
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
   Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
More results




À propos de Analog Devices


Analog Devices, Inc. (ADI) est une entreprise cotée en bourse qui conçoit, développe et fabrique des circuits intégrés analogiques, de signal mixte et de signal numérique (DSP) (ICS).
L'entreprise a été fondée en 1965 et a son siège à Norwood, Massachusetts.
L'ADI dessert un large éventail d'industries, notamment l'aérospatiale et la défense, l'automobile, les communications, les consommateurs, l'industrie, le médical et le test et la mesure.
Le portefeuille de produits de l'entreprise comprend des convertisseurs de données, des amplificateurs et des comparateurs, des circuits intégrés de gestion de l'alimentation, des microcontrôleurs, des capteurs et des composants radiofréquences (RF) et des micro-ondes, entre autres.
ADI se consacre à l'innovation et à la satisfaction des clients et s'engage à fournir à ses clients des solutions fiables de haute qualité pour répondre à leurs besoins.
En mettant l'accent sur l'efficacité énergétique et la durabilité, ADI est un leader de l'industrie des circuits intégrés analogiques et mixtes, stimulant les progrès technologiques et fournissant des solutions innovantes aux problèmes les plus difficiles du monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com