Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HY110N06T Fiches technique (PDF) - HY ELECTRONIC CORP.

HY110N06T Datasheet PDF - HY ELECTRONIC CORP.
No de pièce HY110N06T
Télécharger  HY110N06T Télécharger

Taille du fichier   252.38 Kbytes
Page   4 Pages
Fabricant  HY [HY ELECTRONIC CORP.]
Site Internet  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.
Description 55V / 110A N-Channel Enhancement Mode MOSFET

HY110N06T Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HY110N06T Datasheet PDF - HY ELECTRONIC CORP.

No de pièce HY110N06T
Télécharger  HY110N06T Click to download

Taille du fichier   252.38 Kbytes
Page   4 Pages
Fabricant  HY [HY ELECTRONIC CORP.]
Site Internet  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.
Description 55V / 110A N-Channel Enhancement Mode MOSFET

HY110N06T Fiches technique (HTML) - HY ELECTRONIC CORP.

HY110N06T Datasheet HTML 1Page - HY ELECTRONIC CORP. HY110N06T Datasheet HTML 2Page - HY ELECTRONIC CORP. HY110N06T Datasheet HTML 3Page - HY ELECTRONIC CORP. HY110N06T Datasheet HTML 4Page - HY ELECTRONIC CORP.

HY110N06T Détails du produit

55V, RDS(ON)=5.5mW@VGS=10V, ID=30A



Features

• Low On-State Resistance

• Excellent Gate Charge x RDS(ON) Product ( FOM )

• Fully Characterized Avalanche Voltage and Current

• Specially Desigened for DC-DC Converter, Off-line UPS, Automotive System, Solenoid and Motor Control

• In compliance with EU RoHs 2002/95/EC Directives



Mechanical Information

• Case: TO-220AB Molded Plastic

• Terminals : Solderable per MIL-STD-750,Method 2026




Numéro de pièce similaire - HY110N06T

FabricantNo de pièceFiches techniqueDescription
logo
HUAYI MICROELECTRONICS ...
HY1103S HUAYI-HY1103S Datasheet
988Kb / 10P
   N-Channel Enhancement Mode MOSFET
HY1104S HUAYI-HY1104S Datasheet
1Mb / 10P
   N-Channel Enhancement Mode MOSFET
HY1106S HUAYI-HY1106S Datasheet
569Kb / 11P
   Single N-Channel Enhancement Mode MOSFET
More results


Description similaire - HY110N06T

FabricantNo de pièceFiches techniqueDescription
logo
First Silicon Co., Ltd
IRF3205DD FS-IRF3205DD Datasheet
543Kb / 2P
   N -Channel Power MOSFET (55V/110A)
logo
Leshan Radio Company
LIRFZ44N LRC-LIRFZ44N Datasheet
257Kb / 8P
   55V N-Channel Mode MOSFET
logo
Guilin Strong Micro-Ele...
GMP3205 GSME-GMP3205 Datasheet
194Kb / 2P
   N-channel 55V, 110A, TO-220 PowerMOSFET
logo
SeCoS Halbleitertechnol...
SSE110N03-03P SECOS-SSE110N03-03P Datasheet
81Kb / 2P
   110A , 30V , RDS(ON) 2.5m N-Channel Enhancement Mode MOSFET
logo
GOOD-ARK Electronics
SSF5508A GOOD-ARK-SSF5508A Datasheet
717Kb / 6P
   55V N-Channel MOSFET
SSF5508 GOOD-ARK-SSF5508_15 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
SSF5508 GOOD-ARK-SSF5508 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRFR2405TR UMW-IRFR2405TR Datasheet
460Kb / 7P
   55V N -Channel MOSFET
IRFR4105TR UMW-IRFR4105TR Datasheet
490Kb / 7P
   55V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF5506 GOOD-ARK-SSF5506 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
More results




À propos de HY ELECTRONIC CORP.


HY Electronic Corp, also known as HY Electronic, is a Taiwanese company that specializes in the manufacturing and distribution of electronic components. The company was founded in 1982 and is headquartered in Taipei, Taiwan. HY Electronic offers a wide range of products, including passive components (resistors, capacitors, and inductors), magnetic components (transformers, inductors, and chokes), connectors, and cables.

The company has a global presence, with offices and manufacturing facilities in Taiwan, China, and the United States. HY Electronic is known for its high-quality products and has a reputation for providing excellent customer service. The company's products are used in a variety of applications, including consumer electronics, automotive, telecommunications, and industrial automation.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com