Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVCH162373 Fiches technique (PDF) - Fairchild Semiconductor

74ALVCH162373 Datasheet PDF - Fairchild Semiconductor
No de pièce 74ALVCH162373
Télécharger  74ALVCH162373 Télécharger

Taille du fichier   96.0 Kbytes
Page   6 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs

74ALVCH162373 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
74ALVCH162373 Datasheet PDF - Fairchild Semiconductor

No de pièce 74ALVCH162373
Télécharger  74ALVCH162373 Click to download

Taille du fichier   96.0 Kbytes
Page   6 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs

74ALVCH162373 Fiches technique (HTML) - Fairchild Semiconductor

74ALVCH162373 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVCH162373 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVCH162373 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVCH162373 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVCH162373 Datasheet HTML 5Page - Fairchild Semiconductor 74ALVCH162373 Datasheet HTML 6Page - Fairchild Semiconductor

74ALVCH162373 Détails du produit

General Description
The ALVCH162373 contains sixteen non-inverting latches with 3-STATE outputs and is intended for bus oriented applications. The device is byte controlled. The flip-flops appear to be transparent to the data when the Latch enable (LE) is HIGH. When LE is LOW, the data that meets the setup time is latched. Data appears on the bus when the Output Enable (OE) is LOW. When OE is HIGH, the outputs are in a high impedance state.

Features
■ 1.65V to 3.6V VCC supply operation
■ 3.6V tolerant control inputs and outputs
■ Bushold on data inputs eliminates the need for external pull-up/pull-down resistors
■ 26Ω series resistors in outputs
■ tPD (In to On)
   3.8 ns max for 3.0V to 3.6V VCC
   5.0 ns max for 2.3V to 2.7V VCC
   9.0 ns max for 1.65V to 1.95V VCC
■ Uses patented noise/EMI reduction circuitry
■ Latchup conforms to JEDEC JED78
■ ESD performance:
  Human body model > 2000V
  Machine model > 200V




Numéro de pièce similaire - 74ALVCH162373

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ALVCH162373DLG4 TI-74ALVCH162373DLG4 Datasheet
809Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ALVCH162373GRE4 TI-74ALVCH162373GRE4 Datasheet
809Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ALVCH162373GRG4 TI-74ALVCH162373GRG4 Datasheet
809Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ALVCH162373LRG4 TI-74ALVCH162373LRG4 Datasheet
809Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
74ALVCH162373PAG IDT-74ALVCH162373PAG Datasheet
95Kb / 6P
   3.3V CMOS 16-BIT TRANS- PARENT D-TYPE LATCH
More results


Description similaire - 74ALVCH162373

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VCXH162373 FAIRCHILD-74VCXH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
74VCXH162373 FAIRCHILD-74VCXH162373_05 Datasheet
153Kb / 9P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
74LCXH162373 FAIRCHILD-74LCXH162373 Datasheet
113Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
74ALVC162373 FAIRCHILD-74ALVC162373 Datasheet
95Kb / 6P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74LCXH16373 FAIRCHILD-74LCXH16373 Datasheet
220Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74VCXH16373 FAIRCHILD-74VCXH16373 Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
74VCX162373 FAIRCHILD-74VCX162373 Datasheet
82Kb / 7P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
74LCXH162244 FAIRCHILD-74LCXH162244 Datasheet
110Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74LCXH162374 FAIRCHILD-74LCXH162374 Datasheet
207Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com