Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVC162373 Fiches technique (PDF) - Fairchild Semiconductor

74ALVC162373 Datasheet PDF - Fairchild Semiconductor
No de pièce 74ALVC162373
Télécharger  74ALVC162373 Télécharger

Taille du fichier   95.39 Kbytes
Page   6 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs

74ALVC162373 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
74ALVC162373 Datasheet PDF - Fairchild Semiconductor

No de pièce 74ALVC162373
Télécharger  74ALVC162373 Click to download

Taille du fichier   95.39 Kbytes
Page   6 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs

74ALVC162373 Fiches technique (HTML) - Fairchild Semiconductor

74ALVC162373 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC162373 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC162373 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC162373 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC162373 Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC162373 Datasheet HTML 6Page - Fairchild Semiconductor

74ALVC162373 Détails du produit

General Description
The ALVC162373 contains sixteen non-inverting latches with 3-STATE outputs and is intended for bus oriented applications. The device is byte controlled. The flip-flops appear to be transparent to the data when the Latch enable (LE) is HIGH. When LE is LOW, the data that meets the setup time is latched. Data appears on the bus when the Output Enable (OE) is LOW. When OE is HIGH, the outputs are in a high impedance state.

Features
■ 1.65V to 3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ 26Ω series resistors in outputs
■ tPD (In to On)
    3.8 ns max for 3.0V to 3.6V VCC
    5.0 ns max for 2.3V to 2.7V VCC
    9.0 ns max for 1.65V to 1.95V VCC
■ Power-off high impedance inputs and outputs
■ Support live insertion and withdrawal (Note 1)
■ Uses patented noise/EMI reduction circuitry
■ Latchup conforms to JEDEC JED78
■ ESD performance:
    Human body model > 2000V
    Machine model > 200V




Numéro de pièce similaire - 74ALVC162373

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ALVC162374 FAIRCHILD-74ALVC162374 Datasheet
95Kb / 6P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74ALVC162374T FAIRCHILD-74ALVC162374T Datasheet
95Kb / 6P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
More results


Description similaire - 74ALVC162373

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VCX162373 FAIRCHILD-74VCX162373 Datasheet
82Kb / 7P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
74VCX162373 FAIRCHILD-74VCX162373_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74VCX16373 FAIRCHILD-74VCX16373 Datasheet
125Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74ALVC16373 FAIRCHILD-74ALVC16373 Datasheet
124Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16841 FAIRCHILD-74VCX16841 Datasheet
65Kb / 7P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74ALVC16841 FAIRCHILD-74ALVC16841 Datasheet
95Kb / 6P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16841 FAIRCHILD-74VCX16841_04 Datasheet
146Kb / 9P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX32373 FAIRCHILD-74VCX32373 Datasheet
210Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs (Preliminary)
74ALVC162245 FAIRCHILD-74ALVC162245 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in A Port Outputs
74VCX162838 FAIRCHILD-74VCX162838 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com