Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACTQ16374SSC Fiches technique (PDF) - Fairchild Semiconductor

74ACTQ16374SSC Datasheet PDF - Fairchild Semiconductor
No de pièce 74ACTQ16374SSC
Télécharger  74ACTQ16374SSC Télécharger

Taille du fichier   94.12 Kbytes
Page   8 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 16-Bit D-Type Flip-Flop with 3-STATE Outputs

74ACTQ16374SSC Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
74ACTQ16374SSC Datasheet PDF - Fairchild Semiconductor

No de pièce 74ACTQ16374SSC
Télécharger  74ACTQ16374SSC Click to download

Taille du fichier   94.12 Kbytes
Page   8 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 16-Bit D-Type Flip-Flop with 3-STATE Outputs

74ACTQ16374SSC Fiches technique (HTML) - Fairchild Semiconductor

74ACTQ16374SSC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ16374SSC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ16374SSC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ16374SSC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ16374SSC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ16374SSC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ16374SSC Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ16374SSC Datasheet HTML 8Page - Fairchild Semiconductor

74ACTQ16374SSC Détails du produit

General Description
The ACTQ16374 contains sixteen non-inverting D-type flip-flops with 3-STATE outputs and is intended for bus oriented applications. The device is byte controlled. A buffered clock (CP) and Output Enable (OE) are common to each byte and can be shorted together for full 16-bit operation. The ACTQ16245 utilizes Fairchild Quiet Series¥ technology to guarantee quiet output switching and improved dynamic threshold performance. FACT Quiet Series¥ features GTO¥ output control for superior performance.

Features
■ Utilizes Fairchild FACT Quiet Series technology
■ Guaranteed simultaneous switching noise level and dynamic threshold performance
■ Guaranteed pin-to-pin output skew
■ Buffered Positive edge-triggered clock
■ Separate control logic for each byte
■ 16-bit version of the ACTQ374
■ Outputs source/sink 24 mA
■ Additional specs for Multiple Output Switching
■ Output loadings specs for both 50 pF and 250 pF loads




Numéro de pièce similaire - 74ACTQ16374SSC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACTQ16374SSC FAIRCHILD-74ACTQ16374SSC Datasheet
108Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
More results


Description similaire - 74ACTQ16374SSC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACT16374 FAIRCHILD-74ACT16374_05 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACT16374 FAIRCHILD-74ACT16374 Datasheet
94Kb / 7P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ16374 FAIRCHILD-74ACTQ16374_05 Datasheet
108Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ABT16374 FAIRCHILD-74ABT16374 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74ALVTC16374 PERICOM-PI74ALVTC16374 Datasheet
291Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com