Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3088 Fiches technique (PDF) - KR Electronics, Inc.

3088 Datasheet PDF - KR Electronics, Inc.
No de pièce 3088
Télécharger  3088 Télécharger

Taille du fichier   58.43 Kbytes
Page   3 Pages
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 3.4 KHz Notch Frequency 2.44 KHz typical 3 dB Bandwidth High Attenuation in Notch

3088 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
3088 Datasheet PDF - KR Electronics, Inc.

No de pièce 3088
Télécharger  3088 Click to download

Taille du fichier   58.43 Kbytes
Page   3 Pages
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 3.4 KHz Notch Frequency 2.44 KHz typical 3 dB Bandwidth High Attenuation in Notch

3088 Fiches technique (HTML) - KR Electronics, Inc.

3088 Datasheet HTML 1Page - KR Electronics, Inc. 3088 Datasheet HTML 2Page - KR Electronics, Inc. 3088 Datasheet HTML 3Page - KR Electronics, Inc.



Numéro de pièce similaire - 3088

FabricantNo de pièceFiches techniqueDescription
logo
Heyco.
3088 HEYCO-3088 Datasheet
120Kb / 1P
   Thick Panel Snap Bushings
logo
Tyco Electronics
308857-1 MACOM-308857-1 Datasheet
378Kb / 6P
   This instruction sheet covers the application and maintenance procedures for Pneumatic Crimping Head Assembly
logo
Belden Inc.
3088A BELDEN-3088A Datasheet
158Kb / 2P
   Inst, 1 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet
04-14-2023
3088A-01010000 BELDEN-3088A-01010000 Datasheet
158Kb / 2P
   Inst, 1 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet
04-14-2023
More results


Description similaire - 3088

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
3137 KR-3137 Datasheet
96Kb / 3P
   500 KHz Notch Frequency
3052 KR-3052 Datasheet
34Kb / 2P
   Notch filter 198 KHz Notch Frequency 50 ??SMA Connectors
3053 KR-3053 Datasheet
34Kb / 2P
   Notch filter 162 KHz Notch Frequency 50 ??SMA Connectors
3054 KR-3054 Datasheet
34Kb / 2P
   Notch filter 252 KHz Notch Frequency 50 ??SMA Connectors
3036 KR-3036 Datasheet
61Kb / 2P
   160 MHz Notch Frequency 40 MHz typical 3 dB Bandwidth 50 ??Source and Load
3035 KR-3035 Datasheet
61Kb / 2P
   80 MHz Notch Frequency 20 MHz typical 3 dB Bandwidth 50 ??Source and Load
logo
Interpoint Corporation ...
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
   Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
logo
KR Electronics, Inc.
3252-N KR-3252-N Datasheet
83Kb / 3P
   3.65 MHz Notch Frequency
3142 KR-3142 Datasheet
101Kb / 3P
   1 MHz Notch Frequency
logo
Interpoint Corporation ...
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
   Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com