Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICX228AK Fiches technique (PDF) - Sony Corporation

ICX228AK Datasheet PDF - Sony Corporation
No de pièce ICX228AK
Télécharger  ICX228AK Télécharger

Taille du fichier   260.57 Kbytes
Page   18 Pages
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras

ICX228AK Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
ICX228AK Datasheet PDF - Sony Corporation

No de pièce ICX228AK
Télécharger  ICX228AK Click to download

Taille du fichier   260.57 Kbytes
Page   18 Pages
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras

ICX228AK Fiches technique (HTML) - Sony Corporation

Back Button ICX228AK Datasheet HTML 1Page - Sony Corporation ICX228AK Datasheet HTML 2Page - Sony Corporation ICX228AK Datasheet HTML 3Page - Sony Corporation ICX228AK Datasheet HTML 4Page - Sony Corporation ICX228AK Datasheet HTML 5Page - Sony Corporation ICX228AK Datasheet HTML 6Page - Sony Corporation ICX228AK Datasheet HTML 7Page - Sony Corporation ICX228AK Datasheet HTML 8Page - Sony Corporation ICX228AK Datasheet HTML 9Page - Sony Corporation ICX228AK Datasheet HTML 10Page - Sony Corporation Next Button 

ICX228AK Détails du produit

Description
The ICX228AK is an interline CCD solid-state image sensor suitable for NTSC color video cameras. Compared with the current product ICX208AK, smear charactristics are improved drastically and power consumption is reduced. High resolution is achieved through the of Ye, Cy, Mg, and G complementary color mosaic filters. High sensitivity and high saturation signal are achieved by Super HAD CCD technology.
This chip features a field period readout system and an electronic shutter with variable charge-storage time.
The package is a 10mm-square 14-pin DIP (Plastic).

Features
• Low smear (–100dB Typ. at F5.6)
• Low power consumption (–38% compared with ICX208AK)
• High sensitivity (+3dB at F1.2 compared with ICX208AK)
• High saturation signal
• Supply voltage 12V
• Horizontal register: 3.3V drive
• Reset gate: 3.3V drive
• No voltage adjustment (Reset gate and substrate bias are not adjusted.)
• High resolution,low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Recommended range of exit pupil distance: –20 to –100mm
• Ye, Cy, Mg, and G complementary color mosaic filters on chip




Numéro de pièce similaire - ICX228AK

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
ICX228AL SONY-ICX228AL Datasheet
196Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
More results


Description similaire - ICX228AK

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
ICX088AK SONY-ICX088AK Datasheet
261Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX206AKB SONY-ICX206AKB Datasheet
193Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX278AK SONY-ICX278AK Datasheet
203Kb / 19P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX226AK SONY-ICX226AK Datasheet
257Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX068AKB SONY-ICX068AKB Datasheet
197Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX086AKB SONY-ICX086AKB Datasheet
188Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX206AK SONY-ICX206AK Datasheet
228Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX068AK SONY-ICX068AK Datasheet
232Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX086AK SONY-ICX086AK Datasheet
223Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX208AK SONY-ICX208AK Datasheet
230Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com