Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMPG06-30 Fiches technique (PDF) - Shenzhen Taychipst Electronic Co., Ltd

TMPG06-30 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
No de pièce TMPG06-30
Télécharger  TMPG06-30 Télécharger

Taille du fichier   13955.3 Kbytes
Page   3 Pages
Fabricant  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Site Internet  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description Automotive Transient Voltage Suppressors

TMPG06-30 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
TMPG06-30 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

No de pièce TMPG06-30
Télécharger  TMPG06-30 Click to download

Taille du fichier   13955.3 Kbytes
Page   3 Pages
Fabricant  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Site Internet  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description Automotive Transient Voltage Suppressors

TMPG06-30 Fiches technique (HTML) - Shenzhen Taychipst Electronic Co., Ltd

TMPG06-30 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd TMPG06-30 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd TMPG06-30 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd

TMPG06-30 Détails du produit

FEATURES
• Patented PAR® construction
• Available in Unidirectional polarity only
• 400 W peak pulse power capability with a 10/1000 µs waveform, repetitive rate (duty cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Typical ID less than 1.0 µA above 10 V rating
• Solder Dip 260 °C, 40 seconds
• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC




Numéro de pièce similaire - TMPG06-30

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TMPG06-30 VISHAY-TMPG06-30 Datasheet
87Kb / 5P
   Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
TMPG06-30 VISHAY-TMPG06-30 Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TMPG06-30 VISHAY-TMPG06-30 Datasheet
85Kb / 5P
   PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 09-Feb-11
TMPG06-30A VISHAY-TMPG06-30A Datasheet
87Kb / 5P
   Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
TMPG06-30A VISHAY-TMPG06-30A Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
More results


Description similaire - TMPG06-30

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
1.5KA6.8 VISHAY-1.5KA6.8 Datasheet
67Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
logo
Shenzhen Luguang Electr...
SM5S10 LUGUANG-SM5S10 Datasheet
49Kb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
P4KA6.8 VISHAY-P4KA6.8_08 Datasheet
99Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
1.5KA30A VISHAY-1.5KA30A Datasheet
39Kb / 3P
   Automotive Transient Voltage Suppressors
08-Oct-02
P4KA6.8 VISHAY-P4KA6.8 Datasheet
36Kb / 3P
   Automotive Transient Voltage Suppressors
03-May-02
6KA24 VISHAY-6KA24 Datasheet
94Kb / 4P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
P6KA VISHAY-P6KA Datasheet
29Kb / 3P
   Automotive Transient Voltage Suppressors
06-May-02
logo
Shenzhen Luguang Electr...
SM8S33 LUGUANG-SM8S33 Datasheet
81Kb / 4P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
P6KA6.8 VISHAY-P6KA6.8 Datasheet
101Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
1.5KA6.8 VISHAY-1.5KA6.8_08 Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com