Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3246Q Fiches technique (PDF) - Sony Corporation

CXA3246Q Datasheet PDF - Sony Corporation
No de pièce CXA3246Q
Télécharger  CXA3246Q Télécharger

Taille du fichier   312.18 Kbytes
Page   22 Pages
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8-bit 120MSPS Flash A/D Converter

CXA3246Q Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
CXA3246Q Datasheet PDF - Sony Corporation

No de pièce CXA3246Q
Télécharger  CXA3246Q Click to download

Taille du fichier   312.18 Kbytes
Page   22 Pages
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8-bit 120MSPS Flash A/D Converter

CXA3246Q Fiches technique (HTML) - Sony Corporation

Back Button CXA3246Q Datasheet HTML 1Page - Sony Corporation CXA3246Q Datasheet HTML 2Page - Sony Corporation CXA3246Q Datasheet HTML 3Page - Sony Corporation CXA3246Q Datasheet HTML 4Page - Sony Corporation CXA3246Q Datasheet HTML 5Page - Sony Corporation CXA3246Q Datasheet HTML 6Page - Sony Corporation CXA3246Q Datasheet HTML 7Page - Sony Corporation CXA3246Q Datasheet HTML 8Page - Sony Corporation CXA3246Q Datasheet HTML 9Page - Sony Corporation CXA3246Q Datasheet HTML 10Page - Sony Corporation Next Button 

CXA3246Q Détails du produit

Description
The CXA3246Q is an 8-bit high-speed flash A/D converter capable of digitizing analog signals at the maximum rate of 120MSPS. ECL, PECL or TTL can be selected as the digital input level in accordance with the application. The TTL digital output level allows 1:2 demultiplexed output.

Features
• Differential linearity error: ±0.5LSB or less
• Integral linearity error: ±0.5LSB or less
• High-speed operation with a maximum conversion rate of 120MSPS
• Low input capacitance: 10pF
• Wide analog input bandwidth: 250MHz
• Low power consumption: 500mW
• 1:2 demultiplexed output
• 1/2 frequency-divided clock output (with reset function)
• Compatible with ECL, PECL and TTL digital input levels
• TTL output "H" levels: 2.8V (Typ.)
• +3.3V line CMOS IC direct connecting available
• Single +5V power supply operation available
• Surface mounting package (48-pin QFP)

Applications
• Magnetic recording (PRML)
• Communications (QPSK, QAM)
• LCDs
• Digital oscilloscopes




Numéro de pièce similaire - CXA3246Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3201AN SONY-CXA3201AN Datasheet
154Kb / 10P
   RX Gain Control Amplifier
CXA3201N SONY-CXA3201N Datasheet
189Kb / 10P
   RX Gain Control Amplifier
CXA3202AN SONY-CXA3202AN Datasheet
135Kb / 10P
   TX Gain Control Amplifier
CXA3202N SONY-CXA3202N Datasheet
163Kb / 10P
   TX Gain Control Amplifier
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
More results


Description similaire - CXA3246Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
logo
Intersil Corporation
HI3246 INTERSIL-HI3246 Datasheet
228Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
March 2000
logo
Sony Corporation
CXA3256R SONY-CXA3256R Datasheet
331Kb / 23P
   8-bit 120MSPS Flash A/D Converter
logo
Intersil Corporation
HI3256 INTERSIL-HI3256 Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com