Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3108AQ Fiches technique (PDF) - Sony Corporation

CXA3108AQ Datasheet PDF - Sony Corporation
No de pièce CXA3108AQ
Télécharger  CXA3108AQ Télécharger

Taille du fichier   257.44 Kbytes
Page   19 Pages
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description L-band Down Converter IC with On-Chip PLL

CXA3108AQ Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
CXA3108AQ Datasheet PDF - Sony Corporation

No de pièce CXA3108AQ
Télécharger  CXA3108AQ Click to download

Taille du fichier   257.44 Kbytes
Page   19 Pages
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description L-band Down Converter IC with On-Chip PLL

CXA3108AQ Fiches technique (HTML) - Sony Corporation

Back Button CXA3108AQ Datasheet HTML 1Page - Sony Corporation CXA3108AQ Datasheet HTML 2Page - Sony Corporation CXA3108AQ Datasheet HTML 3Page - Sony Corporation CXA3108AQ Datasheet HTML 4Page - Sony Corporation CXA3108AQ Datasheet HTML 5Page - Sony Corporation CXA3108AQ Datasheet HTML 6Page - Sony Corporation CXA3108AQ Datasheet HTML 7Page - Sony Corporation CXA3108AQ Datasheet HTML 8Page - Sony Corporation CXA3108AQ Datasheet HTML 9Page - Sony Corporation CXA3108AQ Datasheet HTML 10Page - Sony Corporation Next Button 

CXA3108AQ Détails du produit

Description
The CXA3108AQ is a monolithic IC that downconverts the L-band (1 to 2 GHz) 1st IF to 2nd IF for satellite broadcast receivers.  It integrates a local oscillator circuit, double-balanced mixer, IF AGC amplifier and tuning PLL onto a single chip.
This IC supports both analog and digital satellite broadcasts, and achieves reduction in the number of tuner components and smaller size.

Features
• On-chip tuning PLL
• Supports 2.65 GHz oscillator frequency
• Noise figure: 12.5 dB typ. (for IF full gain)
• IF AGC gain variation: 46 dB typ.
• Wide band IF AGC amplifier (60 to 500 MHz)
• Two IF outputs
• PLL supports I2C protocol
• On-chip high voltage drive transistor for charge pump

Applications
• Analog satellite broadcast tuners (BS/CS)
• Digital satellite broadcast tuners (DSS/DVB, etc.)




Numéro de pièce similaire - CXA3108AQ

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CXA3108Q ETC2-CXA3108Q Datasheet
46Kb / 2P
   A New Age of Unified High-Frequency Analog and Digital Circuits Digital Satellite Broadcast Tuner IC
More results


Description similaire - CXA3108AQ

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
logo
NEC
UPC2782GR NEC-UPC2782GR Datasheet
190Kb / 20P
   L BAND DOWN CONVERTER IC
logo
Sony Corporation
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com