Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK7722 Fiches technique (PDF) - Asahi Kasei Microsystems

AK7722 Datasheet PDF - Asahi Kasei Microsystems
No de pièce AK7722
Télécharger  AK7722 Télécharger

Taille du fichier   457.75 Kbytes
Page   28 Pages
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 24bit 4ch ADC 24bit 4ch DAC with Audio DSP

AK7722 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AK7722 Datasheet PDF - Asahi Kasei Microsystems

No de pièce AK7722
Télécharger  AK7722 Click to download

Taille du fichier   457.75 Kbytes
Page   28 Pages
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 24bit 4ch ADC 24bit 4ch DAC with Audio DSP

AK7722 Fiches technique (HTML) - Asahi Kasei Microsystems

Back Button AK7722 Datasheet HTML 1Page - Asahi Kasei Microsystems AK7722 Datasheet HTML 2Page - Asahi Kasei Microsystems AK7722 Datasheet HTML 3Page - Asahi Kasei Microsystems AK7722 Datasheet HTML 4Page - Asahi Kasei Microsystems AK7722 Datasheet HTML 5Page - Asahi Kasei Microsystems AK7722 Datasheet HTML 6Page - Asahi Kasei Microsystems AK7722 Datasheet HTML 7Page - Asahi Kasei Microsystems AK7722 Datasheet HTML 8Page - Asahi Kasei Microsystems AK7722 Datasheet HTML 9Page - Asahi Kasei Microsystems AK7722 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK7722 Détails du produit

GENERAL DESCRIPTION

The AK7722 is a digital signal processor with an integrated 4ch 24bit DAC, a stereo ADC with input selector and a 2ch input ADC. The integrated 4ch DAC, the 2ch ADC with inputselector and the other 2ch ADC feature high performance achieving 108dB, 96dB and 95dB, respectively. The integrated SRC has three input selector enabling the DSP to operate in master mode with digital inputs. The audio DSP has 1536step/fs (at 48kHz sampling) parallel arithmeticoperation performance and the 5k-word delay RAM allows surround processing and time alignment adjusting. As the AK7722 is a RAM based DSP, it is programmable for various user requirements. It is housed in an 80pin LQFP package.  



FEATURES

[DSP Block]

- Word length: 24bit (Coefficient RAM& Data RAM: F24 floating point)

- Processing Speed: 13.6 ns (1536step/fs; fs = 48kHz)

- Multiplication: 20 x 24 →44-bit Double precision arithmetic available

- Divider 20 / 20 →20bit 

- ALU: 48bit arithmetic operation (overflow margin 4bit) 20bit floating point arithmetic and logic operation

- Program RAM: 3072 x 36bit

- Coefficient RAM: 2048 x 24bit (F24 floating point)

- Data RAM: 2048 x 24-bit (F24 floating point)

- Offset Register: 64 x 13bit

- Delay RAM1: 3072 x 24-bit

- Delay RAM2: 2048 x 24-bit

- Sampling rate: fs= 7.35k ~ 48kHz 

- Master Clock: 1536fs(generated from 32fs, 48fs, 64fs, 128fs, 256fs, 384fs by internal PLL)

- Master/Slave Operation

[ADC1 Block]

- Stereo with 6 Inputs Selector

- DR, S/N: 96dB (fs = 48kHz, when differential input)

- S/(N+D): 90dB (fs = 48kHz)

- Differential & Single-ended Inputs

- Digital HPF (fc=1Hz)

- 6 Analog Inputs Selector (2 differential, 4 single-ended)

- Digital Volume Control (24dB ~ -103dB, 0.5dB Step, Mute)

[ADC2 Block]

- DR, S/N: 95dB (fs = 48kHz)

- Single-ended Inputs

- Digital Volume Control (24dB ~ -103dB, 0.5dB Step, Mute)

[SRC Block]

- 3 Pair of Stereo →1 Stereo Pair Selector

- 2ch x 1 system

- Supporting frequency: Fin = 7.35kHz ~ 96kHz →Fout = 7.35kHz ~ 48kHz (FSO/FSI = 0.167~ 6.0)

[Guidance SRC Block] (GSRC)

- 1 Channel (24bit) Up-converter for Voice Guidance 

- Supporting frequency: Fin = 7.35kHz ~ 12kHz →Fout = 44.1kHz or 48kHz

[DAC Block]

- 4ch (2 Stereos)

- 24bit 128 x Over-sampling advanced multi-bit (fs=8kHz~48kHz)

- DR, S/N: 108dB (Differential Output)

- S/(N+D): 90dB

- Digital Volume Control (12dB ~ -115dB, 0.5dB Step, Mute)

[Digital Interface Input/Output]

- Digital Signal Input Port (4ch): 24bit MSB justified, 24/20/16bit LSB justified and I2S Format

- Digital Signal Output Port (6ch):

24bit MSB justified, 24/16bit LSB justified and I2S Format

[Micro Computer Interface]

- I2C or 4-wired Interface

[General]

- Integrated PLL

- Integrated Regulator 3.3V →1.8V 

- Power Supply: 3.3V ± 0.3V

- Operating Temperature Range: -40˚C ~ 85˚C

- 80pin LQFP




Numéro de pièce similaire - AK7722

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
   Multi Core DSP with SRC
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
   Multi Core DSP with SRC
AK7712 AKM-AK7712 Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
AK7714 AKM-AK7714 Datasheet
516Kb / 48P
   20-Bit Audio Codec with DSP and Delay RAM
More results


Description similaire - AK7722

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK4591 AKM-AK4591 Datasheet
257Kb / 40P
   24bit 4ch ADC 24bit 6ch DAC
AK7757 AKM-AK7757 Datasheet
433Kb / 24P
   Audio DSP with 24bit 3ch ADC 4ch DAC MIC Amp
AK7757VQ AKM-AK7757VQ Datasheet
656Kb / 24P
   24bit 3ch ADC 4ch DAC Mic Amp ?낁뵷 Audio DSP
AK4591VQ AKM-AK4591VQ Datasheet
480Kb / 41P
   ?ε뒟?삠꺃??궭餓?4bit 4ch ADC 24bit 6ch DAC
AK7780 AKM-AK7780 Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
AKD5384 AKM-AKD5384_05 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com