Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FR251 Fiches technique (PDF) - Rugao Dachang Electronics Co., Ltd

FR251 Datasheet PDF - Rugao Dachang Electronics Co., Ltd
No de pièce FR251
Télécharger  FR251 Télécharger

Taille du fichier   119.36 Kbytes
Page   2 Pages
Fabricant  DACHANG [Rugao Dachang Electronics Co., Ltd]
Site Internet  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.5A

FR251 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FR251 Datasheet PDF - Rugao Dachang Electronics Co., Ltd

No de pièce FR251
Télécharger  FR251 Click to download

Taille du fichier   119.36 Kbytes
Page   2 Pages
Fabricant  DACHANG [Rugao Dachang Electronics Co., Ltd]
Site Internet  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.5A

FR251 Fiches technique (HTML) - Rugao Dachang Electronics Co., Ltd

FR251 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd FR251 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd

FR251 Détails du produit

Reverse Voltage 50 to 1000V
Forward Current 2.5A

Features
• Low reverse leakage
• High forward surge capability
• High temperature soldering guaranteed: 260℃/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
• Lead and body according with RoHS standard




Numéro de pièce similaire - FR251

FabricantNo de pièceFiches techniqueDescription
logo
Rectron Semiconductor
FR251 RECTRON-FR251 Datasheet
24Kb / 2P
   FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
logo
EIC discrete Semiconduc...
FR251 EIC-FR251 Datasheet
54Kb / 2P
   FAST RECOVERY
logo
Nanjing International G...
FR251 DGNJDZ-FR251 Datasheet
300Kb / 2P
   2.5 AMP FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FR251 EIC-FR251 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Rugao Dachang Electroni...
FR251 DACHANG-FR251 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
More results


Description similaire - FR251

FabricantNo de pièceFiches techniqueDescription
logo
Rugao Dachang Electroni...
FR251G DACHANG-FR251G Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.5A
RGP25A DACHANG-RGP25A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
FR151 DACHANG-FR151 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5A
FR301G DACHANG-FR301G Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 3.0A
MPG06A DACHANG-MPG06A Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
FR151G DACHANG-FR151G Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5A
FR201 DACHANG-FR201 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.0A
FR501 DACHANG-FR501 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 5.0A
FR601 DACHANG-FR601 Datasheet
124Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 6.0A
FR101 DACHANG-FR101 Datasheet
124Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com