Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74LCX16501 Fiches technique (PDF) - Motorola, Inc

MC74LCX16501 Datasheet PDF - Motorola, Inc
No de pièce MC74LCX16501
Télécharger  MC74LCX16501 Télécharger

Taille du fichier   159.75 Kbytes
Page   10 Pages
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER

MC74LCX16501 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MC74LCX16501 Datasheet PDF - Motorola, Inc

No de pièce MC74LCX16501
Télécharger  MC74LCX16501 Click to download

Taille du fichier   159.75 Kbytes
Page   10 Pages
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER

MC74LCX16501 Fiches technique (HTML) - Motorola, Inc

MC74LCX16501 Datasheet HTML 1Page - Motorola, Inc MC74LCX16501 Datasheet HTML 2Page - Motorola, Inc MC74LCX16501 Datasheet HTML 3Page - Motorola, Inc MC74LCX16501 Datasheet HTML 4Page - Motorola, Inc MC74LCX16501 Datasheet HTML 5Page - Motorola, Inc MC74LCX16501 Datasheet HTML 6Page - Motorola, Inc MC74LCX16501 Datasheet HTML 7Page - Motorola, Inc MC74LCX16501 Datasheet HTML 8Page - Motorola, Inc MC74LCX16501 Datasheet HTML 9Page - Motorola, Inc MC74LCX16501 Datasheet HTML 10Page - Motorola, Inc

MC74LCX16501 Détails du produit

Low–Voltage CMOS 18–Bit Universal Bus Transceiver
With 5V-Tolerant Inputs and Outputs (3-State, Non-Inverting)

The MC74LCX16501 is a high performance, non–inverting 18–bit universal bus transceiver operating from a 2.7 to 3.6V supply. This part is not byte controlled; it is “18–bit” controlled. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5V allows MC74LCX16501 inputs to be safely driven from 5V devices. The MC74LCX16501 is suitable for memory address driving and all TTL level bus oriented transceiver applications.

• Designed for 2.7 to 3.6V VCC Operation
• 6ns tpd Maximum
• 5V Tolerant — Interface Capability With 5V TTL Logic
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0V
• LVTTL Compatible
• LVCMOS Compatible
• 24mA Balanced Output Sink and Source Capability
• Near Zero Static Supply Current in All Three Logic States (20µA)
   Substantially Reduces System Power Requirements
• Latchup Performance Exceeds 500mA
• ESD Performance: Human Body Model >2000V; Machine
   Model >200V




Numéro de pièce similaire - MC74LCX16501

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC74LCX16500 MOTOROLA-MC74LCX16500 Datasheet
161Kb / 10P
   LOW-VOLTAGE CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER
MC74LCX16500DT MOTOROLA-MC74LCX16500DT Datasheet
161Kb / 10P
   LOW-VOLTAGE CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER
More results


Description similaire - MC74LCX16501

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC74LCX16500 MOTOROLA-MC74LCX16500 Datasheet
161Kb / 10P
   LOW-VOLTAGE CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP16612 FAIRCHILD-GTLP16612 Datasheet
69Kb / 9P
   CMOS 18-Bit TTL/GTLP Universal Bus Transceiver
logo
Integrated Device Techn...
IDT74GTLP16612 IDT-IDT74GTLP16612 Datasheet
74Kb / 8P
   CMOS 18-BIT TTL/GTLP UNIVERSAL BUS TRANSCEIVER
logo
ON Semiconductor
74LCX16501 ONSEMI-74LCX16501 Datasheet
188Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers
Revised March 2001
74LCX16500 ONSEMI-74LCX16500 Datasheet
210Kb / 12P
   Low Voltage 18-Bit Universal Bus Transceivers
Revised June 2002
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
More results




À propos de Motorola, Inc


Motorola, Inc. était une société américaine de télécommunications multinationales fondée en 1928. Elle était basée à Schaumburg, Illinois et était l'un des plus grands fournisseurs de téléphones portables, d'équipement de télécommunication et de semi-conducteurs. Tout au long de son histoire, Motorola était connue pour son innovation dans le domaine des télécommunications, notamment le développement du premier téléphone cellulaire disponible dans le monde, le Dynatac, et le premier pager à double sens au monde, le Pageboy.

En 2011, Motorola s'est divisée en deux sociétés distinctes: Motorola Mobility et Motorola Solutions. Motorola Mobility a ensuite été acquise par Google en 2012 et est maintenant une filiale de Lenovo. Motorola Solutions se concentre sur les solutions de sécurité publique et de communication commerciale et industrielle. La société propose une large gamme de produits, notamment des radios bidirectionnelles, des appareils informatiques mobiles et des équipements d'infrastructure réseau.

Motorola était l'un des pionniers de l'industrie du téléphone portable et a une riche histoire d'innovation et de progrès technologiques. L'héritage de l'entreprise se poursuit par le biais de ses filiales et sa technologie et ses produits continuent d'être utilisés dans le monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com