Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMC622LP4 Fiches technique (PDF) - Hittite Microwave Corporation

HMC622LP4 Datasheet PDF - Hittite Microwave Corporation
No de pièce HMC622LP4
Télécharger  HMC622LP4 Télécharger

Taille du fichier   327.48 Kbytes
Page   10 Pages
Fabricant  HITTITE [Hittite Microwave Corporation]
Site Internet  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC MIXER w/ INTEGRATED IF & LO AMPLIFIER, 1.8 - 3.9 GHz

HMC622LP4 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HMC622LP4 Datasheet PDF - Hittite Microwave Corporation

No de pièce HMC622LP4
Télécharger  HMC622LP4 Click to download

Taille du fichier   327.48 Kbytes
Page   10 Pages
Fabricant  HITTITE [Hittite Microwave Corporation]
Site Internet  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC MIXER w/ INTEGRATED IF & LO AMPLIFIER, 1.8 - 3.9 GHz

HMC622LP4 Fiches technique (HTML) - Hittite Microwave Corporation

HMC622LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC622LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC622LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC622LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC622LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC622LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC622LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC622LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC622LP4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC622LP4 Datasheet HTML 10Page - Hittite Microwave Corporation



Numéro de pièce similaire - HMC622LP4

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC620 HITTITE-HMC620 Datasheet
252Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620 HITTITE-HMC620 Datasheet
241Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4 Datasheet
219Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4 Datasheet
203Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4_09 Datasheet
219Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
More results


Description similaire - HMC622LP4

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC665LP4 HITTITE-HMC665LP4 Datasheet
664Kb / 10P
   GaAs MMIC MIXER w/ INTEGRATED IF & LO AMPLIFIER, 0.7 - 1.2 GHz
HMC666LP4 HITTITE-HMC666LP4 Datasheet
850Kb / 8P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 3.1 - 3.9 GHz
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC552LP4 HITTITE-HMC552LP4_11 Datasheet
505Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC215LP4 HITTITE-HMC215LP4 Datasheet
254Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
HMC423MS8 HITTITE-HMC423MS8_08 Datasheet
189Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.6 - 1.3 GHz
HMC615LP4 HITTITE-HMC615LP4_11 Datasheet
543Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC615LP4 HITTITE-HMC615LP4 Datasheet
230Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC552LP4 HITTITE-HMC552LP4 Datasheet
300Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
More results




À propos de Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com