Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC68HC705KJ1 Fiches technique (PDF) - Motorola, Inc

MC68HC705KJ1 Datasheet PDF - Motorola, Inc
No de pièce MC68HC705KJ1
Télécharger  MC68HC705KJ1 Télécharger

Taille du fichier   1379.42 Kbytes
Page   144 Pages
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HCMOS Microcontroller Unit

MC68HC705KJ1 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MC68HC705KJ1 Datasheet PDF - Motorola, Inc

No de pièce MC68HC705KJ1
Télécharger  MC68HC705KJ1 Click to download

Taille du fichier   1379.42 Kbytes
Page   144 Pages
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HCMOS Microcontroller Unit

MC68HC705KJ1 Fiches technique (HTML) - Motorola, Inc

Back Button MC68HC705KJ1 Datasheet HTML 1Page - Motorola, Inc MC68HC705KJ1 Datasheet HTML 2Page - Motorola, Inc MC68HC705KJ1 Datasheet HTML 3Page - Motorola, Inc MC68HC705KJ1 Datasheet HTML 4Page - Motorola, Inc MC68HC705KJ1 Datasheet HTML 5Page - Motorola, Inc MC68HC705KJ1 Datasheet HTML 6Page - Motorola, Inc MC68HC705KJ1 Datasheet HTML 7Page - Motorola, Inc MC68HC705KJ1 Datasheet HTML 8Page - Motorola, Inc MC68HC705KJ1 Datasheet HTML 9Page - Motorola, Inc MC68HC705KJ1 Datasheet HTML 10Page - Motorola, Inc Next Button 

MC68HC705KJ1 Détails du produit

Features
Features on the MC68HC705KJ1 include:
• Robust Noise Immunity
• 4.0-MHz Internal Operating Frequency at 5.0 V
• 1240 Bytes of EPROM/OTPROM (Electrically Programmable
   Read-Only Memory/One-Time Programmable Read-Only
   Memory), Including Eight Bytes for User Vectors
• 64 Bytes of User RAM
• Peripheral Modules
   – 15-Stage Multifunction Timer
   – Computer Operating Properly (COP) Watchdog
• 10 Bidirectional Input/Output (I/O) Lines, Including:
   – 10-mA Sink Capability on All I/O Pins
   – Software Programmable Pulldowns on All I/O Pins
   – Keyboard Scan with Selectable Interrupt on Four I/O Pins
   – 5.5-mA Source Capability on Six I/O Pins
• Selectable Sensitivity on External Interrupt (Edge- and Level-Sensitive or Edge-Sensitive Only)
• On-Chip Oscillator with Connections for:
   – Crystal
   – Ceramic Resonator
   – Resistor-Capacitor (RC) Oscillator (MC68HRC705KJ1) with or without External Resistor
   – External Clock
   – Low-Speed (32-kHz) Crystal (MC68HLC705KJ1)
• Memory-Mapped I/O Registers
• Fully Static Operation with No Minimum Clock Speed
• Power-Saving Stop, Halt, Wait, and Data-Retention Modes
• External Interrupt Mask Bit and Acknowledge Bit
• Illegal Address Reset
• Internal Steering Diode and Pullup Resistor from RESET Pin to VDD
• Selectable EPROM Security1
• Selectable Oscillator Bias Resistor




Numéro de pièce similaire - MC68HC705KJ1

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC68HC705KJ1 FREESCALE-MC68HC705KJ1 Datasheet
718Kb / 108P
   Computer Operation Properly Module
MC68HC705KJ1 FREESCALE-MC68HC705KJ1 Datasheet
725Kb / 108P
   M68HC05 Microcontrollers
MC68HC705KJ1C FREESCALE-MC68HC705KJ1C Datasheet
718Kb / 108P
   Computer Operation Properly Module
MC68HC705KJ1CDW FREESCALE-MC68HC705KJ1CDW Datasheet
718Kb / 108P
   Computer Operation Properly Module
MC68HC705KJ1CDW FREESCALE-MC68HC705KJ1CDW Datasheet
384Kb / 16P
   Migrating from the MC68HC705K1 to the MC68HC705KJ1
More results


Description similaire - MC68HC705KJ1

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC68HC908RF2 MOTOROLA-MC68HC908RF2 Datasheet
1Mb / 254P
   HCMOS Microcontroller Unit
MC68HC705JP7 MOTOROLA-MC68HC705JP7 Datasheet
3Mb / 242P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC05P9A FREESCALE-MC68HC05P9A Datasheet
1Mb / 158P
   HCMOS Microcontroller Unit
logo
Motorola, Inc
MC68HC08JK1 MOTOROLA-MC68HC08JK1 Datasheet
2Mb / 198P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC08P4 FREESCALE-MC68HC08P4 Datasheet
6Mb / 96P
   HCMOS MICROCONTROLLER UNIT
logo
Motorola, Inc
MC68HC08AZ32A MOTOROLA-MC68HC08AZ32A Datasheet
3Mb / 456P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC908AS60 FREESCALE-MC68HC908AS60 Datasheet
5Mb / 454P
   HCMOS Microcontroller Unit
MC68HC05K0 FREESCALE-MC68HC05K0 Datasheet
1Mb / 154P
   HCMOS Microcontroller Unit
MC68HC11K4 FREESCALE-MC68HC11K4 Datasheet
17Mb / 229P
   HCMOS MICROCONTROLLER UNIT
MC68HC11L6 FREESCALE-MC68HC11L6 Datasheet
10Mb / 172P
   HCMOS MICROCONTROLLER UNIT
More results




À propos de Motorola, Inc


Motorola, Inc. était une société américaine de télécommunications multinationales fondée en 1928. Elle était basée à Schaumburg, Illinois et était l'un des plus grands fournisseurs de téléphones portables, d'équipement de télécommunication et de semi-conducteurs. Tout au long de son histoire, Motorola était connue pour son innovation dans le domaine des télécommunications, notamment le développement du premier téléphone cellulaire disponible dans le monde, le Dynatac, et le premier pager à double sens au monde, le Pageboy.

En 2011, Motorola s'est divisée en deux sociétés distinctes: Motorola Mobility et Motorola Solutions. Motorola Mobility a ensuite été acquise par Google en 2012 et est maintenant une filiale de Lenovo. Motorola Solutions se concentre sur les solutions de sécurité publique et de communication commerciale et industrielle. La société propose une large gamme de produits, notamment des radios bidirectionnelles, des appareils informatiques mobiles et des équipements d'infrastructure réseau.

Motorola était l'un des pionniers de l'industrie du téléphone portable et a une riche histoire d'innovation et de progrès technologiques. L'héritage de l'entreprise se poursuit par le biais de ses filiales et sa technologie et ses produits continuent d'être utilisés dans le monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com