Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES1J Fiches technique (PDF) - Fairchild Semiconductor

ES1J Datasheet PDF - Fairchild Semiconductor
No de pièce ES1J
Télécharger  ES1J Télécharger

Taille du fichier   5244.48 Kbytes
Page   30 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual BCM PFC Controller

ES1J Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
ES1J Datasheet PDF - Fairchild Semiconductor

No de pièce ES1J
Télécharger  ES1J Click to download

Taille du fichier   5244.48 Kbytes
Page   30 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual BCM PFC Controller

ES1J Fiches technique (HTML) - Fairchild Semiconductor

Back Button ES1J Datasheet HTML 1Page - Fairchild Semiconductor ES1J Datasheet HTML 2Page - Fairchild Semiconductor ES1J Datasheet HTML 3Page - Fairchild Semiconductor ES1J Datasheet HTML 4Page - Fairchild Semiconductor ES1J Datasheet HTML 5Page - Fairchild Semiconductor ES1J Datasheet HTML 6Page - Fairchild Semiconductor ES1J Datasheet HTML 7Page - Fairchild Semiconductor ES1J Datasheet HTML 8Page - Fairchild Semiconductor ES1J Datasheet HTML 9Page - Fairchild Semiconductor ES1J Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

ES1J Détails du produit

Overview of the Evaluation Board
The FAN9611/12 interleaved dual Boundary-Conduction-Mode (BCM) Power-FactorCorrection (PFC) controllers operate two parallel-connected boost power trains 180º out of phase. Interleaving extends the maximum practical power level of the control technique from about 300W to greater than 800W. Unlike the continuous conduction mode (CCM) technique often used at higher power levels, BCM offers inherent zerocurrent switching of the boost diodes (no reverse-recovery losses), which permits the use of less expensive diodes without sacrificing efficiency. Furthermore, the input and output filters can be smaller due to ripple current cancellation between the power trains and doubling of effective switching frequency.

Key Features
◾ Low Total Harmonic Distortion, High Power Factor
◾ 180° Out-of-Phase Synchronization
◾ Automatic Phase Disable at Light Load
◾ 1.8A Sink, 1.0A Source, High-Current Gate Drivers
◾ Transconductance (gM) Error Amplifier for Reduced Overshoot
◾ Voltage-Mode Control with (VIN)2 Feed-forward
◾ Closed-Loop Soft-Start with Programmable Soft-Start Time for Reduced Overshoot
◾ Minimum Restart Timer Frequency to Avoid Audible Noise
◾ Maximum Switching Frequency Clamp
◾ Brownout Protection with Soft Recovery
◾ Non-Latching OVP on FB Pin and Second-Level Latching Protection on OVP Pin
◾ Open-Feedback Protection
◾ Over-Current and Power-Limit Protection for Each Phase
◾ Low Startup Current: 80µA Typical
◾ Works with DC, 50Hz to 400Hz AC Inputs




Numéro de pièce similaire - ES1J

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
ES1J PANJIT-ES1J Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Galaxy Semi-Conductor H...
ES1J BILIN-ES1J Datasheet
487Kb / 4P
   Super-Fast Rectifiers
logo
Shenzhen Jin Yu Semicon...
ES1J HTSEMI-ES1J Datasheet
436Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
TAITRON Components Inco...
ES1J TAITRON-ES1J Datasheet
240Kb / 4P
   1.0A Surface Mount Super Fast Rectifier
logo
First Silicon Co., Ltd
ES1J FS-ES1J Datasheet
132Kb / 2P
   Super Fast Rectifier
More results


Description similaire - ES1J

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
FAN9611 FAIRCHILD-FAN9611_11 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
logo
NXP Semiconductors
TEA19162T NXP-TEA19162T Datasheet
283Kb / 30P
   PFC controller
Rev. 1-10 March 2016
TEA19162T NXP-TEA19162T_V01 Datasheet
343Kb / 30P
   PFC controller
Rev. 3-7 May 2018
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653_15 Datasheet
219Kb / 21P
   PFC Controller
May, 2015 ??Rev. 10
logo
NXP Semiconductors
TEA19162CT NXP-TEA19162CT Datasheet
340Kb / 29P
   PFC controller
Rev. 2-26 February 2020
logo
Fairchild Semiconductor
AN-9732 FAIRCHILD-AN-9732 Datasheet
2Mb / 22P
   LED Application Design Guide Using BCM Power Factor Correction (PFC) Controller for 200W Lighting System
FAN7528 FAIRCHILD-FAN7528_07 Datasheet
2Mb / 21P
   Dual-Output, Critical Conduction Mode PFC Controller
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com