Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EL5236 Fiches technique (PDF) - Intersil Corporation

EL5236 Datasheet PDF - Intersil Corporation
No de pièce EL5236
Télécharger  EL5236 Télécharger

Taille du fichier   1175.54 Kbytes
Page   19 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Ultra Low Noise Wideband Amplifiers Voltage Noise: 1.5nV/?숰z

EL5236 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
EL5236 Datasheet PDF - Intersil Corporation

No de pièce EL5236
Télécharger  EL5236 Click to download

Taille du fichier   1175.54 Kbytes
Page   19 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Ultra Low Noise Wideband Amplifiers Voltage Noise: 1.5nV/?숰z

EL5236 Fiches technique (HTML) - Intersil Corporation

Back Button EL5236 Datasheet HTML 1Page - Intersil Corporation EL5236 Datasheet HTML 2Page - Intersil Corporation EL5236 Datasheet HTML 3Page - Intersil Corporation EL5236 Datasheet HTML 4Page - Intersil Corporation EL5236 Datasheet HTML 5Page - Intersil Corporation EL5236 Datasheet HTML 6Page - Intersil Corporation EL5236 Datasheet HTML 7Page - Intersil Corporation EL5236 Datasheet HTML 8Page - Intersil Corporation EL5236 Datasheet HTML 9Page - Intersil Corporation EL5236 Datasheet HTML 10Page - Intersil Corporation Next Button 

EL5236 Détails du produit

Dual Ultra Low Noise Wideband Amplifiers

The EL5236 is a dual, low noise, 300MHz Gain Bandwidth product Voltage Feedback Op Amp (VFA). The minimum operating gain of 2 comes with a very low input noise voltage of 1.5nV/√Hz and 1.8pA/√Hz current noise. This makes this dual device ideal for low noise differential active filters, dual channel photodiode detectors, differential receivers with equalization, and any other wideband, high dynamic range application.

Features
• Bandwidth (-3dB) of 250MHz @ AV = +2
• Gain Bandwidth Product: 300MHz
• Voltage Noise: 1.5nV/√Hz
• Current Noise: 1.8pA/√Hz
• IS: 5.8mA/Channel
• 100mA IOUT
• Fast Enable/Disable (EL5237 only)
• ±2.5V to ±6V Supply Range Operation

Applications
• Differential ADC Driver
• Complementary DAC Output Driver
• Ultrasound Input Amplifiers
• AGC and PLL Active Filters
• Transimpedance Designs




Numéro de pièce similaire - EL5236

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
EL5234 INTERSIL-EL5234 Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
EL5234 INTERSIL-EL5234 Datasheet
1Mb / 12P
   650MHz, Gain of 5, Low Noise Amplifiers
EL5234 INTERSIL-EL5234 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Renesas Technology Corp
EL5234 RENESAS-EL5234 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Intersil Corporation
EL5234IY INTERSIL-EL5234IY Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
More results


Description similaire - EL5236

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD602 AD-AD602_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD600 AD-AD600_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD600 AD-AD600 Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
logo
National Semiconductor ...
LMH6622 NSC-LMH6622 Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
logo
Analog Devices
AD600 AD-AD600_06 Datasheet
588Kb / 28P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. E
logo
Burr-Brown (TI)
OPA847 BURR-BROWN-OPA847 Datasheet
529Kb / 23P
   Wideband, Ultra-Low Noise, Voltage-Feedback
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
ZN459 ETC1-ZN459 Datasheet
400Kb / 8P
   ULTRA LOW NOISE WIDEBAND PREAMPLIFIER
logo
Texas Instruments
LMH6622 TI1-LMH6622 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6622 Dual Wideband, Low Noise, 160 MHz, Operational Amplifiers
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results




À propos de Intersil Corporation


Intersil Corporation était une société américaine de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés analogiques et de signaux mixtes à haute performance.
L'entreprise a été fondée en 1967 et était connue pour son expertise en matière de gestion de l'alimentation, de conversion des données et de technologies de radiofréquence (RF).
Les produits d'Intersil ont été utilisés dans un large éventail d'applications telles que l'électronique grand public, l'industrie, les télécommunications et l'aérospatiale et la défense.
En 2016, Intersil a été acquis par Renesas Electronics Corporation, une société de semi-conducteurs japonaise.
La marque et la technologie Intersil continuent d'être développées et vendues dans le cadre du portefeuille de produits de Renesas.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com