Fabricant | No de pièce | Fiches technique | Description |
Crydom Inc., |
EL240A5-05
|
668Kb / 5P |
Ratings of 5A, 10A and 20A @ 24-280 VAC
|
CXE240D5R
|
660Kb / 5P |
Ratings of 5A @ 660 VAC
|
D2450-B
|
759Kb / 8P |
Ratings from 10A to 125A @ 24-280 VAC
|
D2410-10
|
759Kb / 8P |
Ratings from 10A to 125A @ 24-280 VAC
|
SDV2415R
|
608Kb / 5P |
Ratings to 1.5A @ 280 VAC
|
UPD2415
|
815Kb / 4P |
SIP SSR Single Channel Ratings of 15A and 25A @ 280 VAC
|
Laird Tech Smart Techno... |
POE-48ID
|
760Kb / 2P |
FCC and CE approved
|
POE-PS-150-001
|
275Kb / 1P |
FCC and CE approved
|
HB Electronic Component... |
MR16-36PCS-W3-GU10
|
548Kb / 2P |
CE Approved
|
Teledyne Technologies I... |
G24R12-06
|
84Kb / 2P |
Output to 12A 280 Vac DC Control
|